Part Name
         Description
MC34670

 IEEE 802.3af PD With Current Mode Switching Regulator ( 24 Page)


FREESCALE
100% 
Zoom Out Zoom In
 
 3 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34670
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 34670 Pin Connections
Table 1. 34670 Pin Definitions
Pin Number
Pin Name
Formal Name
Definition
1, 2
VPWR
Positive Supply
Voltage Input
This is the most positive power supply input. The load connects between this pin
and the VOUT pin.
3
RCLA
Classification Resistor
Connect a resistor between RCLA and VIN to select the class of the PD.
4
UVLO
Undervoltage Lookout
Used to adjust the undervoltage lookout threshold voltage, connected to VIN to use
the default threshold voltage.
5
TEST1
Test pins
Connect to VIN in application mode.
6
TEST2
7
FREQ
Frequency Adjustment
Adjusts the internal oscillator frequency by connecting a resistor between FREQ
and VIN.
8
ILIM
Inrush Current Limit
Used to adjust the inrush current limit of the isolation switch, add a resistor
between ILIM and VIN.
9
VIN
Negative Supply Voltage
This is the most negative power supply input.
10
VIN
11, 12
VOUT
Output Voltage
This pin is the drain of the internal Power MOSFET (high current path).
13
VOUT
Output Voltage
This pin is the drain of the internal Power MOSFET (low current path).
14
RESET
RESET Output
(active low)
This is an active-low RESET output signal. This pin is referenced to VOUT.
15
SS
Soft Start Input
Connect an external capacitor to SS. The internal current source charges the
capacitor and generates a soft-start ramp.
16
COMP
Compensation Pin
COMP is the output of the error amplifier and is available for feedback
compensation. COMP is pulled-up by an internal 5.0 k
Ω resistor to 5.0 V.
17
FB
Feedback Input
This is the inverting input of the error amplifier. In non-isolated applications it’s
connected to the secondary output through a resistor divider.
18
CS
Current Sense
The current sense pin CS senses a voltage that is proportional to the current
through the sense resistor.
19
GATE
Gate Driver Output
GATE drives the gate of the external power MOSFET. GATE sources and sinks
up to 1.0 A.
20
VDD
VDD Output
VDD mainly supplies the gate of the external power MOSFET. Connect a capacitor
from VDD to VOUT.
1
2
3
5
4
6
7
8
9
10
20
11
12
13
14
15
16
17
18
19
VPWR
VPWR
RCLA
UVLO
TEST1
TEST2
FREQ
ILIM
VIN
VIN
VDD
GATE
CS
FB
COMP
SS
RESET
VOUT
VOUT
VOUT



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
L6902D_04UP TO 1A SWITCHING REGULATOR WITH ADJUSTABLE CURRENT LIMIT 1 2 3 4 5 MoreSTMicroelectronics
LT1977High Voltage 1.5A 500kHz Step-Down Switching Regulator with 100uA Quiescent Current 1 2 3 4 5 MoreLinear Technology
MAX5953AIEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs 1 2 3 4 5 MoreMaxim Integrated Products
TPS736XX_07Cap-Free NMOS 400mA Low-Dropout Regulator with Reverse Current Protection 1 2 3 4 5 MoreTexas Instruments
TPS737011A Low-Dropout Regulator with Reverse Current Protection 1 2 3 4 5 MoreTexas Instruments
TS925RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground 1 2 3 4 5 MoreSTMicroelectronics
TPS732XXCap-Free NMOS 250mA Low Dropout Regulator with Reverse Current Protection 1 2 3 4 5 MoreTexas Instruments
LTC1705Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO 1 2 3 4 5 MoreLinear Technology
CS51121.4 A Switching Regulator with 5.0 V 100 mA Linear Regulator with Watchdog RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
SC1176Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry 1 2 3 4 5 MoreSemtech Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl