Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5323 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5323
Description  Three?뭁hase Buck Controller with 5?묪it DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5323_06 Datasheet HTML 4Page - ON Semiconductor CS5323_06 Datasheet HTML 5Page - ON Semiconductor CS5323_06 Datasheet HTML 6Page - ON Semiconductor CS5323_06 Datasheet HTML 7Page - ON Semiconductor CS5323_06 Datasheet HTML 8Page - ON Semiconductor CS5323_06 Datasheet HTML 9Page - ON Semiconductor CS5323_06 Datasheet HTML 10Page - ON Semiconductor CS5323_06 Datasheet HTML 11Page - ON Semiconductor CS5323_06 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CS5323
http://onsemi.com
8
+
+
+
+
+
+
+
+
+
+
×
CO1
CO1
PH 1
PH 2
PH 3
VCC
VCC
3.3 V
REF
DAC
CO1
DACOUT
CO2
CO3
DACOUT
FAULT
CO3
OFFSET
FAULT
FAULT
CO2
CO2
DACOUT
FAULT
PH 2
PH 3
PH 1
OSC
BIAS
VCC
ILIM
GATE
GATE
GATE
S
R
R
R
S
S
R
S
FAULT
0.44 V
0.44 V
0.44 V
4.6 V
4.4 V
0.27 V
VITotal
VFB ROSC
Current
Source
Gen
MAXC1
MAXC2
MAXC3
PWMC1
PWMC2
PWMC3
EA
1
2
CSA1
CSA2
CSA3
5 μA
AVPA
1.5
Start
Stop
REF
VID0
VID1
VID2
VID3
VID4
CS1
CS2
CS3
CSREF
1
2
OVIC
RESC
Gnd
VDRP
COMP
CO3
FAULT
Figure 2. Block Diagram
TYPICAL PERFORMANCE CHARACTERISTICS
10
20
70
30
40
50
60
ROSC Value, kΩ
Figure 3. Oscillator Frequency
900
800
700
600
500
400
300
200
100
50
ROSC Value, kΩ
Figure 4. VFB Bias Current vs. ROSC Value
0
60
40
80
20
60
70
80
20
30
40
10


Similar Part No. - CS5323_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5323-D ONSEMI-CS5323-D Datasheet
143Kb / 16P
   Three-Phase Buck Controller with 5-Bit DAC
August, 2002 ??Rev. 6
CS5323D ONSEMI-CS5323D Datasheet
143Kb / 16P
   Three-Phase Buck Controller with 5-Bit DAC
August, 2002 ??Rev. 6
CS5323GDW20 ONSEMI-CS5323GDW20 Datasheet
143Kb / 16P
   Three-Phase Buck Controller with 5-Bit DAC
August, 2002 ??Rev. 6
CS5323GDWR20 ONSEMI-CS5323GDWR20 Datasheet
143Kb / 16P
   Three-Phase Buck Controller with 5-Bit DAC
August, 2002 ??Rev. 6
More results

Similar Description - CS5323_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5323-D ONSEMI-CS5323-D Datasheet
143Kb / 16P
   Three-Phase Buck Controller with 5-Bit DAC
August, 2002 ??Rev. 6
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com