Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5253B-8GDP5 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS5253B-8GDP5
Description  3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-8GDP5 Datasheet(HTML) 1 Page - ON Semiconductor

  CS5253B-8GDP5 Datasheet HTML 1Page - ON Semiconductor CS5253B-8GDP5 Datasheet HTML 2Page - ON Semiconductor CS5253B-8GDP5 Datasheet HTML 3Page - ON Semiconductor CS5253B-8GDP5 Datasheet HTML 4Page - ON Semiconductor CS5253B-8GDP5 Datasheet HTML 5Page - ON Semiconductor CS5253B-8GDP5 Datasheet HTML 6Page - ON Semiconductor CS5253B-8GDP5 Datasheet HTML 7Page - ON Semiconductor CS5253B-8GDP5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005− Rev. 6
1
Publication Order Number:
CS5253B−8/D
CS5253B−8
3.0 A LDO 5−Pin 2.5 V Fixed
Linear Regulator for
Remote Sense Applications
This new very low dropout linear regulator reduces total power
dissipation in the application. To achieve very low dropout, the
internal pass transistor is powered separately from the control
circuitry. Furthermore, with the control and power inputs tied together,
this device can be used in single supply configuration and still offer a
better dropout voltage than conventional PNP−NPN based LDO
regulators. In this mode the dropout is determined by the minimum
control voltage.
The CS5253B−8 is offered in a five−terminal D2PAK−5 package,
which allows for the implementation of a remote−sense pin permitting
very accurate regulation of output voltage directly at the load, where it
counts, rather than at the regulator. This remote sensing feature
virtually eliminates output voltage variations due to load changes and
resistive voltage drops. Typical load regulation measured at the sense
pin is less than 1.0 mV for an output voltage of 2.5 V with a load step
of 10 mA to 3.0 A.
The CS5253B−8 has a very fast transient loop response.
Internal protection circuitry provides for “bust−proof” operation,
similar to three−terminal regulators. This circuitry, which includes
overcurrent, short circuit, and overtemperature protection will self
protect the regulator under all fault conditions.
The CS5253B−8 is ideal for generating a 2.5 V supply to power
graphics controllers used on VGA cards. Its remote sense and low
value capacitance requirements make this a low cost high performance
solution. The CS5253B−8 is optimized from the CS5253−1 to allow a
lower value of output capacitor to be used at the expense of a slower
transient response.
Features
VOUT Fixed @ 2.5 V ± 1.5%
VPOWER Dropout < 0.40 V @ 3.0 A
VCONTROL Dropout < 1.05 V @ 3.0 A
1.5% Trimmed Reference
Fast Transient Response
Remote Voltage Sensing
Thermal Shutdown
Current Limit
Short Circuit Protection
Drop−In Replacement for EZ1582
Backwards Compatible with 3−Pin Regulators
Very Low Dropout Reduces Total Power Consumption
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING DIAGRAM
CS5253B−8 = Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
D2PAK−5
DP SUFFIX
CASE 936AC
1
5
CS
5253B−8
AWLYWWG
1
Tab = VOUT
Pin 1. VSENSE
2. GND
3. VOUT
4. VCONTROL
5. VPOWER
Device
Package
Shipping
ORDERING INFORMATION
CS5253B−8GDP5
D2PAK−5
50 Units/Rail
CS5253B−8GDPR5
D2PAK−5
750/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
CS5253B−8GDPR5G
D2PAK−5
(Pb−Free)
750/Tape & Reel
CS5253B−8GDP5G
D2PAK−5
(Pb−Free)
50 Units/Rail


Similar Part No. - CS5253B-8GDP5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253B-8GDP5 ONSEMI-CS5253B-8GDP5 Datasheet
64Kb / 8P
   3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
June, 2004 ??Rev. 5
More results

Similar Description - CS5253B-8GDP5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253B-8 ONSEMI-CS5253B-8 Datasheet
64Kb / 8P
   3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
June, 2004 ??Rev. 5
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5253B-1 ONSEMI-CS5253B-1 Datasheet
85Kb / 10P
   3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
June, 2004 ??Rev. 5
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com