Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5203-1GDPR3 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5203-1GDPR3
Description  3.0 A Adjustable Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5203-1GDPR3 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5203-1GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5203-1GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5203-1GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5203-1GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5203-1GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5203-1GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5203-1GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5203-1GDPR3 Datasheet HTML 9Page - ON Semiconductor CS5203-1GDPR3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CS5203−1
http://onsemi.com
8
ORDERING INFORMATION
Orderable Part Number
Type*
Package
Shipping
CS5203−1GT3
3.0 A, Adj. Output
TO−220−3, STRAIGHT
50 Units / Rail
CS5203−1GDP3
3.0 A, Adj. Output
D2PAK−3
50 Units / Rail
CS5203−1GDPR3
3.0 A, Adj. Output
D2PAK−3
750 / Tape & Reel
*Consult your local sales representative for fixed output voltage versions.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
CS5203−1
AWLYWW
1
CS5203−1
AWLYWW
1
D2PAK−3
DP SUFFIX
CASE 418AB
TO−220−3
T SUFFIX
CASE 221A
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week


Similar Part No. - CS5203-1GDPR3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5203-1GDPR3 CHERRY-CS5203-1GDPR3 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
More results

Similar Description - CS5203-1GDPR3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5201-1 ONSEMI-CS5201-1 Datasheet
213Kb / 9P
   1.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253B-1 ONSEMI-CS5253B-1 Datasheet
85Kb / 10P
   3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
June, 2004 ??Rev. 5
LM350 ONSEMI-LM350 Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com