Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5201-1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5201-1
Description  1.0 A Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5201-1 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5201-1 Datasheet HTML 1Page - ON Semiconductor CS5201-1 Datasheet HTML 2Page - ON Semiconductor CS5201-1 Datasheet HTML 3Page - ON Semiconductor CS5201-1 Datasheet HTML 4Page - ON Semiconductor CS5201-1 Datasheet HTML 5Page - ON Semiconductor CS5201-1 Datasheet HTML 6Page - ON Semiconductor CS5201-1 Datasheet HTML 7Page - ON Semiconductor CS5201-1 Datasheet HTML 8Page - ON Semiconductor CS5201-1 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CS5201−1
http://onsemi.com
2
MAXIMUM RATINGS
Parameter
Value
Unit
Supply Voltage, VCC
7.0
V
Operating Temperature Range
−40 to +70
°C
Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
Lead Temperature Soldering:
Wave Solder (through hole styles only) (Note 1)
Reflow (SMD styles only) (Note 2)
260 Peak
230 Peak
°C
°C
ESD Damage Threshold (Human Body Model)
2.0
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 10 second maximum.
2. 60 second maximum above 183°C.
ELECTRICAL CHARACTERISTICS (CIN = 10 mF, COUT = 22 mF Tantalum, VOUT + VDROPOUT < VIN < 7.0 V, 0°C ≤ TA ≤ 70°C,
TJ ≤ +150°C, unless otherwise specified, Ifull load = 1.0 A)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Adjustable Output Voltage
Reference Voltage (Notes 3 and 4)
VIN − VOUT = 1.5 V; VAdj = 0 V
10 mA ≤ IOUT ≤ 1.0 A
1.241
(−1.0%)
1.254
1.266
(+1.0%)
V
Line Regulation
1.5 V ≤ VIN − VOUT ≤ 5.75 V; IOUT = 10 mA
0.02
0.20
%
Load Regulation (Notes 3 and 4)
VIN − VOUT = 1.5 V; 10 mA ≤ IOUT ≤ 1.0 A
0.04
0.40
%
Dropout Voltage (Note 5)
IOUT = 1.0 A
1.0
1.2
V
Current Limit
VIN − VOUT = 3.0 V; TJ ≥ 25°C
1.1
3.1
A
Minimum Load Current (Note 6)
VIN = 7.0 V, VAdj = 0 V
0.6
2.0
mA
Adjust Pin Current
VIN − VOUT = 3.0 V; IOUT = 10 mA
50
100
mA
Thermal Regulation (Note 7)
30 ms Pulse, TA = 25°C
0.002
0.020
%/W
Ripple Rejection (Note 7)
f = 120 Hz; IOUT = 1.0 A; VIN − VOUT = 3.0 V;
VRIPPLE = 1.0 VPP
80
dB
Thermal Shutdown (Note 8)
150
180
210
°C
Thermal Shutdown Hysteresis (Note 8)
25
°C
3. Load regulation and output voltage are measured at a constant junction temperature by low duty cycle pulse testing. Changes in output
voltage due to temperature changes must be taken into account separately.
4. Specifications apply for an external Kelvin sense connection at a point on the output pin 1/4” from the bottom of the package.
5. Dropout voltage is a measurement of the minimum input/output differential at full load.
6. The minimum load current is the minimum current required to maintain regulation. Normally the current in the resistor divider used to set the
output voltage is selected to meet the minimum load requirement.
7. Guaranteed by design, not 100% tested in production.
8. Thermal shutdown is 100% functionally tested in production.
PACKAGE PIN DESCRIPTION
Package Pin Number
Pin Symbol
Function
TO−220
D2PAK
SOT−223
1
1
1
Adj
Adjust pin (low side of the internal reference).
2
2
2
VOUT
Regulated output voltage (case).
3
3
3
VIN
Input voltage.


Similar Part No. - CS5201-1

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5201-1GDP3 CHERRY-CS5201-1GDP3 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5201-1GDPR3 CHERRY-CS5201-1GDPR3 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5201-1GST3 CHERRY-CS5201-1GST3 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5201-1GSTR3 CHERRY-CS5201-1GSTR3 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
More results

Similar Description - CS5201-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
CS5207-1 ONSEMI-CS5207-1 Datasheet
203Kb / 7P
   7.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
   1A Adjustable Linear Regulator
CS5203-1 CHERRY-CS5203-1 Datasheet
165Kb / 8P
   3A Adjustable Linear Regulator
logo
Solid States Devices, I...
SVR003 SSDI-SVR003_15 Datasheet
103Kb / 3P
   ADJUSTABLE LINEAR VOLTAGE REGULATOR
logo
Cherry Semiconductor Co...
CS52015-1 CHERRY-CS52015-1 Datasheet
173Kb / 7P
   1.5A Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com