Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR735FZ2T7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STR735FZ2T7
Description  ARM7TDMI 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR735FZ2T7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STR735FZ2T7 Datasheet HTML 7Page - STMicroelectronics STR735FZ2T7 Datasheet HTML 8Page - STMicroelectronics STR735FZ2T7 Datasheet HTML 9Page - STMicroelectronics STR735FZ2T7 Datasheet HTML 10Page - STMicroelectronics STR735FZ2T7 Datasheet HTML 11Page - STMicroelectronics STR735FZ2T7 Datasheet HTML 12Page - STMicroelectronics STR735FZ2T7 Datasheet HTML 13Page - STMicroelectronics STR735FZ2T7 Datasheet HTML 14Page - STMicroelectronics STR735FZ2T7 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
STR73xF
Block Diagram
11/53
2.2
Pin description
2.2.1
STR730F/STR735F (TQFP144)
Figure 3.
STR730F/STR735F pin configuration (top view)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
OCMPB2 / P0.0
OCMPA2 / P0.1
ICAPA2 / P0.2
ICAPB2 / P0.3
VSS
VDD
OCMPA5 / P0.4
OCMPB5 / P0.5
ICAPA5 / P0.6
ICAPB5 / P0.7
OCMPA6 / P0.8
OCMPB6 / P0.9
OCMPA7 / P0.10
OCMPB7 / P0.11
VDD
VSS
ICAPA3 / P0.12
ICAPB3 / P0.13
OCMPB3 / P0.14
OCMPA3 / P0.15
OCMPA4 / P1.0
OCMPB4 / P1.1
ICAPB4 / P1.2
ICAPA4 / P1.3
VSS
VDD
P1.4
P1.5
OCMPB1 / P1.6
OCMPA1 / P1.7
INT0 / OCMPA0 / P1.8
INT1 / OCMPB0 / P1.9
ICAPB0 / WUP28 / P1.10
ICAPA0 / WUP29 / P1.11
ICAPA1 / WUP30 / P1.12
ICAPB1 / WUP31 / P1.13
P4.14 / SS1
P4.13 / ICAPB9
P4.12 / ICAPA9 / WUP21
P4.11 / OCMPB8
P4.10 / ICAPA6 / WUP20
P4.9 / ICAPB6
P4.8 / OCMPA8
P4.7 / SDA1
P4.6 / SCL1 / WUP19
P4.5 / CAN2RX / WUP18
P4.4 / CAN2TX
P4.3 / ICAPB8 / WUP27
P4.2 / ICAPA8 / WUP26
P4.1 / ICAPB7 / WUP25
P4.0 / ICAPA7 / WUP24
VDD
VSS
JTDO
JTCK
JTMS
JTDI
JTRST
VSS
VDD
P3.15 / AIN15 / INT5
P3.14 / AIN14 / INT4
P3.13 / AIN13 / INT3
P3.12 / AIN12 / INT2
P3.11 / AIN11
P3.10 / AIN10
P3.9 / AIN9
P3.8 / AIN8
VDDA
VSSA
P3.7 / AIN7
P3.6 / AIN6
STR730F/STR735F
Note 1: CAN alternate functions not available on STR735F.


Similar Part No. - STR735FZ2T7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR735FZ2T7 STMICROELECTRONICS-STR735FZ2T7 Datasheet
380Kb / 22P
   ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
STR735FZ2T7 STMICROELECTRONICS-STR735FZ2T7 Datasheet
663Kb / 40P
   ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
March 2006 Rev 3
STR735FZ2T7 STMICROELECTRONICS-STR735FZ2T7 Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
More results

Similar Description - STR735FZ2T7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR73XFXX STMICROELECTRONICS-STR73XFXX Datasheet
1Mb / 52P
   ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
STR730FZ1T7 STMICROELECTRONICS-STR730FZ1T7 Datasheet
380Kb / 22P
   ARM7TDMI 32-BIT MCU WITH FLASH, 3x CAN, 4 UARTs, 20 TIMERS, ADC, 12 COMM. INTERFACES
STR73XF STMICROELECTRONICS-STR73XF Datasheet
663Kb / 40P
   ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
March 2006 Rev 3
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STM32F091XB STMICROELECTRONICS-STM32F091XB Datasheet
1Mb / 127P
   ARM-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC & comm. interfaces, 2.0 - 3.6V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com