Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5112YDWFR24 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5112YDWFR24
Description  1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5112YDWFR24 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5112YDWFR24 Datasheet HTML 1Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 2Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 3Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 4Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 5Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 6Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 7Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 8Page - ON Semiconductor CS5112YDWFR24 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CS5112
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (5.0 V
≤ VIN ≤ 26 V and −40°C ≤ TJ ≤ 150°C, COUT = 100 mF (ESR ≤ 8.0 W), CDelay = 0.1 mF,
RBIAS = 64.9 kW, COSC = 390 pF, CCOMP = 0.1 mF; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Switcher Section (continued)
Switcher Max Duty Cycle
VSW = 5.0 V with 50 W Load, VFB1 = VFB2 = 1.0 V
72
85
95
%
Current Sense Amp Gain
ISW = 2.3 A
7.0
V/V
Error Amp DC Gain
67
dB
Error Amp Transconductance
2700
mA/V
ENABLE Input
VIL
0.8
1.24
V
VIH
1.3
2.0
V
Hysteresis
60
mV
Input Impedance
10
20
40
k
W
Select Input
VIL (Selects VFB1)
4.9
≤ VLIN ≤ 5.1
0.8
1.25
V
VIH (Selects VFB2)
4.9
≤ VLIN ≤ 5.1
1.25
2.0
V
SELECT Pullup
SELECT = 0 V
10
24
50
k
W
Floating Input Voltage
3.5
4.5
V
PIN FUNCTION DESCRIPTION
PACKAGE PIN #
SOIC−24
PIN SYMBOL
FUNCTION
1
VIN
Supply voltage.
2, 3
NC
No connection.
4
VSW
Collector of NPN power switch for switching regulator section.
5, 6, 7, 8, 17, 18, 19, 20
GND
Connected to the heat removing leads.
9
VFB1
Feedback input voltage 1 (referenced to 1.25 V).
10
VFB2
Feedback input voltage 2 (referenced to 1.25 V).
11
SELECT
Logic level input that selects either VFB1 or VFB2. An open selects VFB2. Connect to GND
to select VFB1.
12
COMP
Output of the transconductance error amplifier.
13
COSC
A capacitor connected to GND sets the switching frequency. Refer to Figure 5.
14
WDI
Watchdog input. Active on falling edge.
15
CDelay
A capacitor connected to GND sets the Power On Reset and Watchdog time.
16
RESET
RESET output. Active low if VLIN is below the regulation limit. If watchdog timeout is
reached, a reset pulse train is issued.
21
IBIAS
A resistor connected to GND sets internal bias currents as well as the COSC and CDelay
charge currents.
22
VLIN
Regulated 5.0 V output from the linear regulator section.
23
VREG
Input voltage to the linear regulator and the internal supply circuitry.
24
ENABLE
Logic level input to shut down the switching regulator.


Similar Part No. - CS5112YDWFR24

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Cherry Semiconductor Co...
CS5112EDWF24 CHERRY-CS5112EDWF24 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5112EDWFR24 CHERRY-CS5112EDWFR24 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
More results

Similar Description - CS5112YDWFR24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
logo
ON Semiconductor
CS8151 ONSEMI-CS8151 Datasheet
174Kb / 14P
   5.0 V, 100 mA Low Dropout Linear Regulator with Watchdog, RESET, and Wake Up
October, 2008 ??Rev. 18
logo
Cherry Semiconductor Co...
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com