Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4192 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS4192
Description  Single Air?묬ore Gauge Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS4192 Datasheet(HTML) 2 Page - ON Semiconductor

  CS4192_05 Datasheet HTML 1Page - ON Semiconductor CS4192_05 Datasheet HTML 2Page - ON Semiconductor CS4192_05 Datasheet HTML 3Page - ON Semiconductor CS4192_05 Datasheet HTML 4Page - ON Semiconductor CS4192_05 Datasheet HTML 5Page - ON Semiconductor CS4192_05 Datasheet HTML 6Page - ON Semiconductor CS4192_05 Datasheet HTML 7Page - ON Semiconductor CS4192_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS4192
http://onsemi.com
2
SIN+
SIN−
COS−
COS+
SI
VCC
SCLK
CS
SO
ST
OE
VBB
GND
POR
FAULT
Latch
Serial
to
Parallel
Shift
Register
D0−D6
D7−D9
VTOP
VVAR
VBAT
MUX
Output
Amplifiers
Overcurrent
S
R
POR
LOGIC
7 Bit
DAC
ENA
Overtemp
Q
Figure 1. Block Diagram
MAXIMUM RATINGS
Rating
Value
Unit
Supply Voltage
VBB
VCC
−1.0 to 16.5
−1.0 to 6.0
V
Digital Inputs
−1.0 to 6.0
V
Steady State Output Current
±100
mA
Forced Injection Current (Inputs and Supply)
±10
mA
Operating Junction Temperature, (TJ)
150
°C
Storage Temperature Range
−65 to 150
°C
Lead Temperature Soldering
Reflow (SMD styles only) (Note 1)
230 peak
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Package Thermal Resistance, SOIC−16 WB
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
18
75
°C/W
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 seconds max above 183
°.


Similar Part No. - CS4192_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4192XDWF16 ONSEMI-CS4192XDWF16 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192XDWFR16 ONSEMI-CS4192XDWFR16 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
More results

Similar Description - CS4192_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS4122 ONSEMI-CS4122_05 Datasheet
97Kb / 9P
   Triple Air?묬ore Gauge Driver with Serial Input Bus
September, 2005 ??Rev. 9
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
logo
Freescale Semiconductor...
33977 FREESCALE-33977 Datasheet
1Mb / 37P
   Single Gauge Driver
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
ON Semiconductor
CS8190 ONSEMI-CS8190_06 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS3750 ONSEMI-CS3750 Datasheet
45Kb / 4P
   Dual H-Bridge Air-Core Gauge Driver
December, 2001 - Rev. 4
logo
Cherry Semiconductor Co...
CS3750 CHERRY-CS3750 Datasheet
137Kb / 4P
   100mA Dual H-Bridge Air-Core Gauge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com