Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA4411MRTJTG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA4411MRTJTG4
Description  80-mW DIRECTPATH STEREO HEADPHONE DRIVER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4411MRTJTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPA4411MRTJTG4 Datasheet HTML 1Page - Texas Instruments TPA4411MRTJTG4 Datasheet HTML 2Page - Texas Instruments TPA4411MRTJTG4 Datasheet HTML 3Page - Texas Instruments TPA4411MRTJTG4 Datasheet HTML 4Page - Texas Instruments TPA4411MRTJTG4 Datasheet HTML 5Page - Texas Instruments TPA4411MRTJTG4 Datasheet HTML 6Page - Texas Instruments TPA4411MRTJTG4 Datasheet HTML 7Page - Texas Instruments TPA4411MRTJTG4 Datasheet HTML 8Page - Texas Instruments TPA4411MRTJTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.ti.com
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPA4411
TPA4411M
SLOS430C – AUGUST 2004 – REVISED DECEMBER 2006
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
DERATING FACTOR(1)
POWER RATING
POWER RATING
POWER RATING
RTJ
5200 mW
41.6 mW/
°C
3120 mW
2700 mW
(TPA4411)
RTJ
3450 mW
34.5 mW/
°C
1898 mW
1380 mW
(TPA4411M)
YZH
1200 mW
9.21 mW/
°C
690 mW
600 mW
(1)
Derating factor measured with High K board.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES(1)
PART NUMBER
SYMBOL
20-pin, 4 mm
× 4 mm QFN
TPA4411RTJ(2)
AKQ
–40
°C to 85°C
20-pin, 4 mm
× 4 mm QFN
TPA4411MRTJ(2)
BPB
16-ball, 2.18 mm
× 2.18 mm WSCP
TPA4411YZH
AKT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The RTJ package is only available taped and reeled. To order, add the suffix “R” to the end of the part number for a reel of 3000, or add
the suffix “T” to the end of the part number for a reel of 250 (e.g., TPA4411RTJR).
MIN
MAX
UNIT
Supply voltage, AVDD, PVDD
1.8
4.5(1)
V
VIH
High-level input voltage
SDL, SDR
1.5
V
VIL
Low-level input voltage
SDL, SDR
0.5
V
TA
Operating free-air temperature
–40
85
°C
(1)
Device can shut down for VDD > 4.5 V to prevent damage to the device.
T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOS|
Output offset voltage
VDD = 1.8 V to 4.5 V, Inputs grounded
8
mV
PSRR
Power Supply Rejection Ratio
VDD = 1.8 V to 4.5 V
–69
–80
dB
VOH
High-level output voltage
VDD = 3 V, RL = 16 Ω
2.2
V
VOL
Low-level output voltage
VDD = 3 V, RL = 16 Ω
–1.1
V
|IIH|
High-level input current (SDL, SDR)
VDD = 4.5 V, VI = VDD
1
µA
|IIL|
Low-level input current (SDL, SDR)
VDD = 4.5 V, VI = 0 V
1
µA
VDD = 1.8 V, No load, SDL= SDR = VDD
5.3
6.5
VDD = 3 V, No load, SDL = SDR = VDD
6.5
8.0
mA
IDD
Supply Current
VDD = 4.5 V, No load, SDL = SDR = VDD
8.0
10.0
Shutdown mode, VDD = 1.8 V to 4.5 V
1
µA
4


Similar Part No. - TPA4411MRTJTG4

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPA4411M TAOS-TPA4411M Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
More results

Similar Description - TPA4411MRTJTG4

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com