Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTL16616DLRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74GTL16616DLRG4
Description  17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16616DLRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74GTL16616DLRG4 Datasheet HTML 1Page - Texas Instruments SN74GTL16616DLRG4 Datasheet HTML 2Page - Texas Instruments SN74GTL16616DLRG4 Datasheet HTML 3Page - Texas Instruments SN74GTL16616DLRG4 Datasheet HTML 4Page - Texas Instruments SN74GTL16616DLRG4 Datasheet HTML 5Page - Texas Instruments SN74GTL16616DLRG4 Datasheet HTML 6Page - Texas Instruments SN74GTL16616DLRG4 Datasheet HTML 7Page - Texas Instruments SN74GTL16616DLRG4 Datasheet HTML 8Page - Texas Instruments SN74GTL16616DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Electrical Characteristics
SN74GTL16616
17-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVER
WITH BUFFERED CLOCK OUTPUTS
SCBS481H – JUNE 1994 – REVISED APRIL 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX UNIT
VIK
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V,
II = –18 mA
–1.2
V
VCC (3.3 V) = 3.15 V to 3.45 V,
IOH = –100 µA
VCC – 0.2
VCC (5 V) = 4.75 V to 5.25 V,
VOH
A port
V
IOH = –8 mA
2.4
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V
IOH = –32 mA
2
IOL = 100 µA
0.2
IOL = 16 mA
0.4
A port
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V
VOL
IOL = 32 mA
0.5
V
IOL = 64 mA
0.55
B port
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V,
IOL = 40 mA
0.4
Control inputs
VCC = 0 or 3.45 V,
VCC (5 V) = 0 or 5.25 V,
VI = 5.5 V
10
VI = 5.5 V
20
A port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V
VI = VCC (3.3 V)
1
II
µA
VI = 0
–30
VI = VCC (3.3 V)
5
B port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V
VI = 0
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
100
µA
VI = 0.8 V
75
II(hold)
A port
VCC (3.3 V) = 3.15 V,
VCC (5 V) = 4.75 V
VI = 2 V
–75
µA
VI = 0 to VCC (3.3 V)(2)
±500
A port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V,
VO = 3 V
1
IOZH
µA
B port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V,
VO = 1.2 V
10
A port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V,
VO = 0.5 V
–1
IOZL
µA
B port
VCC (3.3 V) = 3.45 V,
VCC (5 V) = 5.25 V,
VO = 0.4 V
–10
Outputs high
1
VCC (3.3 V) = 3.45 V,
ICC
A or B port
VCC (5 V) = 5.25 V, IO = 0,
Outputs low
5
mA
(3.3 V)
VI = VCC (3.3 V) or GND
Outputs disabled
1
Outputs high
120
VCC (3.3 V) = 3.45 V,
ICC
A or B port
VCC (5 V) = 5.25 V, IO = 0,
Outputs low
120
mA
(5 V)
VI = VCC (3.3 V) or GND
Outputs disabled
120
VCC (3.3 V) = 3.45 V, VCC (5 V) = 5.25 V,
∆I
CC
(3)
1
mA
A-port or control inputs at VCC (3.3 V) or GND, One input at 2.7 V
Ci
Control inputs
VI = 3.15 V or 0
3.5
pF
A port
VO = 3.15 V or 0
12
Cio
pF
B port
Per IEEE Std 1194.1
5
(1)
All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
5


Similar Part No. - SN74GTL16616DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16616DL TI-SN74GTL16616DL Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
More results

Similar Description - SN74GTL16616DLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
NXP Semiconductors
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com