Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GTL16616 Datasheet(PDF) 9 Page - Texas Instruments

Part # GTL16616
Description  17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GTL16616 Datasheet(HTML) 9 Page - Texas Instruments

Back Button GTL16616 Datasheet HTML 5Page - Texas Instruments GTL16616 Datasheet HTML 6Page - Texas Instruments GTL16616 Datasheet HTML 7Page - Texas Instruments GTL16616 Datasheet HTML 8Page - Texas Instruments GTL16616 Datasheet HTML 9Page - Texas Instruments GTL16616 Datasheet HTML 10Page - Texas Instruments GTL16616 Datasheet HTML 11Page - Texas Instruments GTL16616 Datasheet HTML 12Page - Texas Instruments GTL16616 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ti.com
Switching Characteristics
SN74GTL16616
17-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVER
WITH BUFFERED CLOCK OUTPUTS
SCBS481H – JUNE 1994 – REVISED APRIL 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.5 V and VREF = 1 V for GTL+ (see Figure 1)
FROM
TO
PARAMETER
MIN TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
fmax
95
MHz
tPLH
1.7
3
4.4
A
B
ns
tPHL
1.4
2.9
4.6
tPLH
2.3
3.8
5.4
LEAB
B
ns
tPHL
2.2
3.7
5.4
tPLH
2.4
4
5.7
CLKAB
B
ns
tPHL
2.1
3.8
5.5
tPLH
4.7
6.1
8.1
CLKAB
CLKOUT
ns
tPHL
5.7
8
11.4
tPLH
2.1
3.6
5.1
OEAB
B or CLKOUT
ns
tPHL
2.1
3.8
5.7
tr
Transition time, B outputs (0.5 V to 1 V)
1.4
ns
tf
Transition time, B outputs (1 V to 0.5 V)
1
ns
tPLH
1.6
3.9
6.6
B
A
ns
tPHL
1.3
2.8
4.5
tPLH
2.4
3.8
5.8
LEBA
A
ns
tPHL
2
3
4.6
tPLH
2.6
4
6
CLKBA
A
ns
tPHL
2.2
3.4
4.9
tPLH
7.3
9.9
14.3
CLKOUT
CLKIN
ns
tPHL
6
8
11.5
ten
2.8
5.3
7.8
OEBA
A or CLKIN
ns
tdis
2.7
4.3
6.4
(1)
All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
9


Similar Part No. - GTL16616

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
GTL16612DGG PHILIPS-GTL16612DGG Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
GTL16612DL PHILIPS-GTL16612DL Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
More results

Similar Description - GTL16616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
logo
Texas Instruments
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
NXP Semiconductors
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com