Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX16374DT Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VCX16374DT
Description  Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16374DT Datasheet(HTML) 2 Page - ON Semiconductor

  74VCX16374DT Datasheet HTML 1Page - ON Semiconductor 74VCX16374DT Datasheet HTML 2Page - ON Semiconductor 74VCX16374DT Datasheet HTML 3Page - ON Semiconductor 74VCX16374DT Datasheet HTML 4Page - ON Semiconductor 74VCX16374DT Datasheet HTML 5Page - ON Semiconductor 74VCX16374DT Datasheet HTML 6Page - ON Semiconductor 74VCX16374DT Datasheet HTML 7Page - ON Semiconductor 74VCX16374DT Datasheet HTML 8Page - ON Semiconductor 74VCX16374DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74VCX16374
http://onsemi.com
2
Figure 1. 48−Lead Pinout
(Top View)
Figure 2. Logic Diagram
48
1
CP1
OE1
47
2
D0
O0
46
3
D1
O1
45
4
GND
GND
44
5
D2
O2
43
6
D3
O3
42
7
VCC
VCC
41
8
D4
O4
40
9
D5
O5
39
10
GND
GND
38
11
D6
O6
37
12
D7
O7
36
13
D8
O8
35
14
D9
O9
34
15
GND
GND
33
16
D10
O10
32
17
D11
O11
31
18
VCC
VCC
30
19
D12
O12
29
20
D13
O13
28
21
GND
GND
27
22
D14
O14
26
23
D15
O15
25
24
CP2
OE2
O0
D0
O1
D1
O2
D2
O3
D3
O4
D4
O5
D5
O6
D6
O7
D7
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
CP1
OE1
O8
D8
O9
D9
O10
D10
O11
D11
O12
D12
O13
D13
O14
D14
O15
D15
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
nCP
Q
D
CP2
OE2
1
48
24
25
2
47
3
46
5
44
6
43
8
41
9
40
11
38
12
37
13
36
14
35
16
33
17
32
19
30
20
29
22
27
23
26
1
48
25
24
D0 47
D1 46
D2 44
D3 43
O0
2
EN1
OE1
CP1
CP2
OE2
O1
3
O2
5
O3
6
EN2
EN3
EN4
D4 41
D5 40
D6 38
D7 37
O4
8
O5
9
O6
11
O7
12
D8 36
D9 35
D10 33
D11 32
O8
13
O9
14
O10
16
O11
17
D12 30
D13 29
D14 27
D15 26
O12
19
O13
20
O14
22
O15
23
1 ∇
2 ∇
3 ∇
4 ∇
1
1
1
1
Figure 3. IEC Logic Diagram


Similar Part No. - 74VCX16374DT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
STMicroelectronics
74VCX16374 STMICROELECTRONICS-74VCX16374 Datasheet
312Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
February 2003
logo
Fairchild Semiconductor
74VCX16374G FAIRCHILD-74VCX16374G Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
74VCX16374MTD FAIRCHILD-74VCX16374MTD Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74VCX16374DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCXH16374 ONSEMI-74VCXH16374 Datasheet
247Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
June, 2006 ??Rev. 5
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
MC74LCX16240 ONSEMI-MC74LCX16240 Datasheet
92Kb / 8P
   Low?뭋oltage CMOS 16?묪it Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
August, 2005 ??Rev. 7
74VCX16245 ONSEMI-74VCX16245 Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com