Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK553-48C Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BUK553-48C
Description  PowerMOS transistor Voltage clamped logic level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK553-48C Datasheet(HTML) 9 Page - NXP Semiconductors

  BUK553-48C Datasheet HTML 1Page - NXP Semiconductors BUK553-48C Datasheet HTML 2Page - NXP Semiconductors BUK553-48C Datasheet HTML 3Page - NXP Semiconductors BUK553-48C Datasheet HTML 4Page - NXP Semiconductors BUK553-48C Datasheet HTML 5Page - NXP Semiconductors BUK553-48C Datasheet HTML 6Page - NXP Semiconductors BUK553-48C Datasheet HTML 7Page - NXP Semiconductors BUK553-48C Datasheet HTML 8Page - NXP Semiconductors BUK553-48C Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Error Log
553-48.C
1) Level: Warning
Message: Picture is too large; will be automatically scaled
Location: Document Body: [PICTURE]
Page: 6 Distance from TOF: 6.47cm
Level: 1 Section: 24 Block: Headline Column: 1
Page E1
96-11-11 04:08 pm


Similar Part No. - BUK553-48C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK553-100A PHILIPS-BUK553-100A Datasheet
56Kb / 7P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
logo
Inchange Semiconductor ...
BUK553-100A ISC-BUK553-100A Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK553-100B PHILIPS-BUK553-100B Datasheet
56Kb / 7P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
logo
Inchange Semiconductor ...
BUK553-100B ISC-BUK553-100B Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK553-60A PHILIPS-BUK553-60A Datasheet
54Kb / 7P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results

Similar Description - BUK553-48C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK563-48C PHILIPS-BUK563-48C Datasheet
72Kb / 8P
   PowerMOS transistor Voltage clamped logic level FET
February 1996 Rev 1.000
BUK573-48C PHILIPS-BUK573-48C Datasheet
71Kb / 9P
   PowerMOS transistor Clamped logic level FET
August 1994 Rev 1.000
BUK9120-48TC PHILIPS-BUK9120-48TC Datasheet
85Kb / 9P
   PowerMOS transistor Voltage clamped logic level FET with temperature sensing diodes
February 1998 Rev 1.100
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com