Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX16245DTR Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VCX16245DTR
Description  Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX16245DTR Datasheet(HTML) 2 Page - ON Semiconductor

  74VCX16245DTR Datasheet HTML 1Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 2Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 3Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 4Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 5Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 6Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 7Page - ON Semiconductor 74VCX16245DTR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74VCX16245
http://onsemi.com
2
Figure 1. 48−Lead Pinout
(Top View)
Figure 2. Logic Diagram
T/R1
A0:7
B0:7
One of Eight
48
1
OE1
T/R1
47
2
A0
B0
46
3
A1
B1
45
4
GND
GND
44
5
A2
B2
43
6
A3
B3
42
7
VCC
VCC
41
8
A4
B4
40
9
A5
B5
39
10
GND
GND
38
11
A6
B6
37
12
A7
B7
36
13
A8
B8
35
14
A9
B9
34
15
GND
GND
33
16
A10
B10
32
17
A11
B11
31
18
VCC
VCC
30
19
A12
B12
29
20
A13
B13
28
21
GND
GND
27
22
A14
B14
26
23
A15
B15
25
24
OE2
T/R2
OE1
T/R2
A8:15
B8:15
OE2
1
48
24
25
1
48
25
24
A0 47
A1 46
A2 44
A3 43
B0
2
EN1
T/R1
OE1
OE2
T/R2
B1
3
B2
5
B3
6
EN2
EN3
EN4
A4 41
A5 40
A6 38
A7 37
B4
8
B5
9
B6
11
B7
12
A8 36
A9 35
A10 33
A11 32
B8
13
B9
14
B10
16
B11
17
A12 30
A13 29
A14 27
A15 26
B12
19
B13
20
B14
22
B15
23
1 ∇
2 ∇
3 ∇
4 ∇
1
1
1
1
Figure 3. IEC Logic Diagram
Table 1. PIN NAMES
Pins
Function
OEn
T/Rn
A0−A15
B0−B15
Output Enable Inputs
Transmit/Receive Inputs
Side A Inputs or 3−State Outputs
Side B Inputs or 3−State Outputs
TRUTH TABLE
Inputs
Outputs
Inputs
Outputs
OE1
T/R1
OE2
T/R2
L
L
Bus B0:7 Data to Bus A0:7
L
L
Bus B8:15 Data to Bus A8:15
L
H
Bus A0:7 Data to Bus B0:7
L
H
Bus A8:15 Data to Bus B8:15
H
X
High Z State on A0:7, B0:7
H
X
High Z State on A8:15, B8:15
H = High Voltage Level
L = Low Voltage Level
X = High or Low Voltage Level and Transitions Are Acceptable


Similar Part No. - 74VCX16245DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16245DTR ONSEMI-74VCX16245DTR Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
74VCX16245DTRG ONSEMI-74VCX16245DTRG Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
More results

Similar Description - 74VCX16245DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com