Part Name
         Description
TPA3004D2_07

 12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL ( 43 Page)


TI
100% 
Zoom Out Zoom In
 17 page
background image
TPA3004D2
SLOS407D − FEBRUARY 2003 − REVISED AUGUST 2004
www.ti.com
17
Figure 25
−70
−80
−90
−100
10
100
1 k
−60
−50
f − Frequency − Hz
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
−40
10 k
100 k
VCC = 12 V,
RL = 8 Ω,
C2p5 = 1 µF,
Class-D
Figure 26
80
40
20
0
−50
−30
−10
100
140
Gain − dB
INPUT RESISTANCE
vs
GAIN
160
10
30
60
120
VAROUT
Figure 27
−200
0
−180
−160
−140
−120
−100
−80
−60
−40
−20
20
100
1 k
10 k
f − Frequency − Hz
NOISE
vs
FREQUENCY
VCC = 12 V,
Gain= +20 dB,
RL = 8 Ω
Inputs AC Coupled to GND,
VAROUT,
No Filter
Figure 28
−175
175
−150
−125
−100
−75
−50
−25
0
25
50
75
100
125
150
−22.493
9.318
−18.958
−15.424
−11.889
−8.354
−4.82
−1.285
2.249
5.784
10
100
1 k
10 k
12.853
Gain
Phase
f − Frequency − Hz
CLOSED LOOP RESPONSE
VCC = 12 V,
Gain= +7.9 dB,
RL = 8 Ω
VAROUT



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPA3003D2_063-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA2008D2_073-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA6030A4_073-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0252_072.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA3002D2_079-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA0212_07STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1 2 3 4 5 MoreTexas Instruments
TPA2000D4_07STEREO 2-W CLASS-D AUDIO POWER AMPLIFIER WITH STEREO HP AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
TPA2012D2_072.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments
TPA6017A2_072-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS 1 2 3 4 5 MoreTexas Instruments
TPA2000D2_072-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl