Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK552-100B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BUK552-100B
Description  PowerMOS transistor Logic level FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK552-100B Datasheet(HTML) 1 Page - NXP Semiconductors

  BUK552-100B Datasheet HTML 1Page - NXP Semiconductors BUK552-100B Datasheet HTML 2Page - NXP Semiconductors BUK552-100B Datasheet HTML 3Page - NXP Semiconductors BUK552-100B Datasheet HTML 4Page - NXP Semiconductors BUK552-100B Datasheet HTML 5Page - NXP Semiconductors BUK552-100B Datasheet HTML 6Page - NXP Semiconductors BUK552-100B Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK552-100A/B
Logic level FET
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode
SYMBOL
PARAMETER
MAX.
MAX.
UNIT
logic level field-effect power
transistor in a plastic envelope.
BUK552
-100A
-100B
The device is intended for use in
V
DS
Drain-source voltage
100
100
V
Switched Mode Power Supplies
I
D
Drain current (DC)
10
8.5
A
(SMPS), motor control, welding,
P
tot
Total power dissipation
60
60
W
DC/DC and AC/DC converters, and
T
j
Junction temperature
175
175
˚C
in automotive and general purpose
R
DS(ON)
Drain-source on-state
0.28
0.35
switching applications.
resistance;
V
GS = 5 V
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
tab
drain
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
100
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-
100
V
±V
GS
Gate-source voltage
-
-
15
V
±V
GSM
Non-repetitive gate-source voltage t
p ≤ 50 µs
-
20
V
-100A
-100B
I
D
Drain current (DC)
T
mb =
25 ˚C
-
10
8.5
A
I
D
Drain current (DC)
T
mb = 100 ˚C
-
7
6
A
I
DM
Drain current (pulse peak value)
T
mb =
25 ˚C
-
40
34
A
P
tot
Total power dissipation
T
mb =
25 ˚C
-
60
W
T
stg
Storage temperature
-
- 55
175
˚C
T
j
Junction Temperature
-
-
175
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance junction to
-
-
2.5
K/W
mounting base
R
th j-a
Thermal resistance junction to
-
60
-
K/W
ambient
12 3
tab
d
g
s
April 1993
1
Rev 1.100


Similar Part No. - BUK552-100B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUK552-100B NJSEMI-BUK552-100B Datasheet
222Kb / 4P
   PowerMOS transistor Logic level FET
logo
Inchange Semiconductor ...
BUK552-100B ISC-BUK552-100B Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK552-100B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com