Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP41A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TIP41A
Description  COMPLEMENTARY SILICON POWER TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP41A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TIP41A Datasheet HTML 2Page - STMicroelectronics TIP41A Datasheet HTML 3Page - STMicroelectronics TIP41A Datasheet HTML 4Page - STMicroelectronics TIP41A Datasheet HTML 5Page - STMicroelectronics TIP41A Datasheet HTML 6Page - STMicroelectronics TIP41A Datasheet HTML 7Page - STMicroelectronics TIP41A Datasheet HTML 8Page - STMicroelectronics TIP41A Datasheet HTML 9Page - STMicroelectronics TIP41A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3 Package Mechanical Data
TIP42A
8/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.15
1.70
0.045
0.066
c
0.49
0.70
0.019
0.027
D
15.25
15.75
0.60
0.620
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L30
28.90
1.137
øP
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
TO-220 MECHANICAL DATA


Similar Part No. - TIP41A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41A MOSPEC-TIP41A Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Micro Commercial Compon...
TIP41A MCC-TIP41A Datasheet
189Kb / 2P
   Silicon NPN Power Transistors
logo
Guangdong Kexin Industr...
TIP41A KEXIN-TIP41A Datasheet
1Mb / 3P
   NPN Transistors
logo
Motorola, Inc
TIP41A MOTOROLA-TIP41A Datasheet
222Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Weitron Technology
TIP41A WEITRON-TIP41A Datasheet
161Kb / 3P
   NPN Silicon Power Transistor
More results

Similar Description - TIP41A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Nell Semiconductor Co.,...
TIP31 NELLSEMI-TIP31 Datasheet
261Kb / 5P
   Complementary Silicon Power Transistor
logo
Central Semiconductor C...
2N6726 CENTRAL-2N6726 Datasheet
63Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
D45C12 ONSEMI-D45C12 Datasheet
78Kb / 3P
   Complementary Silicon Power Transistor
November, 2007 - Rev. 2
logo
Central Semiconductor C...
CJD41C CENTRAL-CJD41C Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD2955 CENTRAL-CJD2955 Datasheet
542Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6714 NJSEMI-2N6714 Datasheet
48Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com