Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6401 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N6401
Description  Silicon Controlled Rectifiers SCRs 16 AMPERES RMS 50 thru 800 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6401 Datasheet(HTML) 4 Page - ON Semiconductor

  2N6401 Datasheet HTML 1Page - ON Semiconductor 2N6401 Datasheet HTML 2Page - ON Semiconductor 2N6401 Datasheet HTML 3Page - ON Semiconductor 2N6401 Datasheet HTML 4Page - ON Semiconductor 2N6401 Datasheet HTML 5Page - ON Semiconductor 2N6401 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N6400 Series
http://onsemi.com
4
Figure 3. On−State Characteristics
Figure 4. Maximum Non−Repetitive Surge Current
Figure 5. Thermal Response
1.0
0.02
0.03
0.05
0.07
0.1
100
0.2
0.3
0.5
0.7
0.2 0.3
0.5
1.0
2.0
0.8
0.1
ZqJC(t) = RqJC r(t)
1.0
120
SURGE IS PRECEDED AND
FOLLOWED BY RATED CURRENT
TJ = 125°C
f = 60 Hz
NUMBER OF CYCLES
130
140
150
160
20
2.0
3.0
4.0
6.0
8.0
10
0.4
0.01
t, TIME (ms)
3.0
5.0
110
0.2
0.3
0.5
0.7
7.0
5.0
1.0
2.0
10
50
3.0
20
30
70
vTM, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
1.6
2.4
2.0
4.0
4.4
1.2
30
50
100
200 300
500
2.0 k
10
3.0 k 5.0 k
10 k
1.0 k
TJ = 25°C
125°C
1 CYCLE
200
2.8
3.6
3.2


Similar Part No. - 2N6401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6401 ONSEMI-2N6401 Datasheet
74Kb / 8P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors
April, 2001 ??Rev. 2
logo
New Jersey Semi-Conduct...
2N6401 NJSEMI-2N6401 Datasheet
150Kb / 1P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6401 ONSEMI-2N6401 Datasheet
114Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Digitron Semiconductors
2N6401 DIGITRON-2N6401 Datasheet
264Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
Kersemi Electronic Co.,...
2N6401 KERSEMI-2N6401 Datasheet
425Kb / 6P
   Silicon Controlled Rectifiers
More results

Similar Description - 2N6401

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
   Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
   SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
   SCRs 12 AMPERES RMS 50 thru 800 VOLTS
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504_06 Datasheet
63Kb / 7P
   Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS
February, 2006 ??Rev. 7
logo
Motorola, Inc
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
   SCRs 8 AMPERES RMS 400 thru 800 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Motorola, Inc
C106 MOTOROLA-C106 Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
New Jersey Semi-Conduct...
MCR70 NJSEMI-MCR70 Datasheet
124Kb / 2P
   SCRs 24 and 55 AMPERES RMS 50 thru 400 VOLTS
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com