Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-H1CA006T Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-H1CA006T
Description  POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H1CA006T Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-H1CA006T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H1CA006T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H1CA006T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H1CA006T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H1CA006T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H1CA006T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H1CA006T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-H1CA006T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FTR-H1 SERIES
Item
Standard Type
Sensitive
TV-5 Rating Type
Contact
Arrangement
1 form A (SPST-NO), 1 form C (SPDT)
1 form A (SPST-NO)
Material
Gold plate silver alloy
Style
Single
Resistance (initial)
Maximum 100 m
(at 1 A 6 VDC)
Rating (Resistive)
10 A 250 VAC/30 VDC
Maximum Carrying Current
14 A
Maximum Switching Rating
2,500 VA/300 W
Maximum Switching Voltage
400 VAC 300 VDC
Maximum Switching Current
10 A
Minimum Switching Load*1
10 mA 5 VDC
Maximum Inrush Current
78 A 120 VAC (at lamp load)
Coil
Operating Range
80 to 110 % × V nominal
Nominal Power (at 20°C)
0.53 W
0.4W
0.53 W
Operate Power (at 20°C)
0.26 W
0.225W
0.26W
Operating Temperature
–40°C to +75°C (no frost) (refer to the CHARACTERISTIC DATA)
Time Value
Operate (at nominal voltage) Maximum 10 ms
Release (at nominal voltage) Maximum 5 ms
Insulation
Resistance (at 500 VDC)
Minimum 1,000 M
Dielectric Between open contacts
1,000 VAC 1 minute
Strength
Between coil and contacts*2
5,000 VAC 1 minute
Surge Strength*3
10,000 V (at 1.2 x 50 µs)
Life
Mechanical
2 × 107 operations minimum
Electrical
Contact Rating 1 × 105 operations minimum
Lamp Load
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.65 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 3.3 mm)
Shock
Misoperation
100 m/s 2 (11 ±1 ms)
Resistance
Endurance
1,000 m/s 2 (6 ±1 ms)
Weight
Approximately 12 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
before production since reference values may vary according to switching frequencies, environmental conditions and ex-
pected reliability levels.
*2 IMQ
*3 IMQ
n
SPECIFICATIONS
2.5 x 104 ops. minimum


Similar Part No. - FTR-H1CA006T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1CA006TRG FUJITSU-FTR-H1CA006TRG Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
More results

Similar Description - FTR-H1CA006T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com