Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB89580B Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB89580B
Description  8-bit Proprietary Microcontrollers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89580B Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB89580B Datasheet HTML 4Page - Fujitsu Component Limited. MB89580B Datasheet HTML 5Page - Fujitsu Component Limited. MB89580B Datasheet HTML 6Page - Fujitsu Component Limited. MB89580B Datasheet HTML 7Page - Fujitsu Component Limited. MB89580B Datasheet HTML 8Page - Fujitsu Component Limited. MB89580B Datasheet HTML 9Page - Fujitsu Component Limited. MB89580B Datasheet HTML 10Page - Fujitsu Component Limited. MB89580B Datasheet HTML 11Page - Fujitsu Component Limited. MB89580B Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
MB89580B/580BW series
8
(Continued)
Pin No.
Pin name
Circuit
type
Function
45
P03
B
General-purpose CMOS I/O pin
46
P02
B
General-purpose CMOS I/O pin
47
P01
B
General-purpose CMOS I/O pin
48
P00
B
General-purpose CMOS I/O pin
49
VCC
Power supply pin
50
C
Connect an external capacitor of 0.1
µF. When using with 3.3 V power
supply, connect this pin with the Vcc pin to set to 3.3 V input.
51
RPVP
USBDRV USB route port
+ pin
52
RPVM
USBDRV USB router port
− pin
53
P60/DI0
F
General-purpose CMOS input pin (3.3 V input)
This pin also serves as an external FIFO data input pin. (LSB)
54
P61/DI1
F
General-purpose CMOS input pin (3.3 V input)
This pin also serves as an external FIFO data input pin.
55
P62/DI2
F
General-purpose CMOS input pin (3.3 V input)
This pin also serves as an external FIFO data input pin.
56
P63/DI3
F
General-purpose CMOS input pin (3.3 V input)
This pin also serves as an external FIFO data input pin.
57
P64/DI4
F
General-purpose CMOS input pin (3.3 V input)
This pin also serves as an external FIFO data input pin.
58
P65/DI5
F
General-purpose CMOS input pin (3.3 V input)
This pin also serves as an external FIFO data input pin.
59
P66/DI6
F
General-purpose CMOS input pin (3.3 V input)
This pin also serves as an external FIFO data input pin.
60
P67/DI7
F
General-purpose CMOS input pin (3.3 V input)
This pin also serves as an external FIFO data input pin. (MSB)
61
P40/D0/DO0
B
General-purpose CMOS I/O pin
This pin serves as a parallel interface/external FIFO data output pin.
62
P41/D1/DO1
B
General-purpose CMOS I/O pin
This pin serves as a parallel interface/external FIFO data output pin.
63
P42/D2/DO2
B
General-purpose CMOS I/O pin
This pin serves as a parallel interface/external FIFO data output pin.
64
P43/D3/DO3
B
General-purpose CMOS I/O pin
This pin serves as a parallel interface/external FIFO data output pin.


Similar Part No. - MB89580B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89583BPFV FUJITSU-MB89583BPFV Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89583BW FUJITSU-MB89583BW Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89583BWPFV FUJITSU-MB89583BWPFV Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MB89585B FUJITSU-MB89585B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB89580B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95100A FUJITSU-MB95100A Datasheet
666Kb / 59P
   8-bit Proprietary Microcontrollers
MB95110M FUJITSU-MB95110M Datasheet
797Kb / 64P
   8-bit Proprietary Microcontrollers
MB95120 FUJITSU-MB95120 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95130M FUJITSU-MB95130M Datasheet
521Kb / 63P
   8-bit Proprietary Microcontrollers
MB95R203A FUJITSU-MB95R203A Datasheet
339Kb / 56P
   8-bit Proprietary Microcontrollers
MB95100B FUJITSU-MB95100B Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95110B FUJITSU-MB95110B_1 Datasheet
853Kb / 68P
   8-bit Proprietary Microcontrollers
MB89583B FUJITSU-MB89583B Datasheet
600Kb / 42P
   8-bit Proprietary Microcontrollers
MICONDUCTOR FUJITSU-MICONDUCTOR Datasheet
516Kb / 37P
   8-bit Proprietary Microcontrollers
MB89890 FUJITSU-MB89890 Datasheet
425Kb / 45P
   8-bit Proprietary Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com