Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120NH03L Datasheet(PDF) 9 Page - STMicroelectronics

Part # 120NH03L
Description  N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

120NH03L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 120NH03L Datasheet HTML 5Page - STMicroelectronics 120NH03L Datasheet HTML 6Page - STMicroelectronics 120NH03L Datasheet HTML 7Page - STMicroelectronics 120NH03L Datasheet HTML 8Page - STMicroelectronics 120NH03L Datasheet HTML 9Page - STMicroelectronics 120NH03L Datasheet HTML 10Page - STMicroelectronics 120NH03L Datasheet HTML 11Page - STMicroelectronics 120NH03L Datasheet HTML 12Page - STMicroelectronics 120NH03L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STB120NH03L - STI120NH03L - STP120NH03L
Package mechanical data
9/17
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - 120NH03L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
120NQ IRF-120NQ Datasheet
147Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
120NQ SMC-120NQ Datasheet
223Kb / 4P
   Unique high power, Half-Pak module
logo
International Rectifier
120NQ035 IRF-120NQ035 Datasheet
147Kb / 5P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
120NQ035 MICROSEMI-120NQ035 Datasheet
117Kb / 2P
   120 Amp Schottky Rectifier
logo
Sangdest Microelectroni...
120NQ035-045 SMC-120NQ035-045 Datasheet
223Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 120NH03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
STB120NH03L STMICROELECTRONICS-STB120NH03L Datasheet
421Kb / 11P
   N-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04_03 Datasheet
363Kb / 11P
   N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB55NF03L-1 STMICROELECTRONICS-STB55NF03L-1 Datasheet
338Kb / 11P
   N-CHANNEL 30V - 0.01 W - 55A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET
March 2002
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
   N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
February 2001
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
   N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
   N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
STP130NH02L STMICROELECTRONICS-STP130NH02L_07 Datasheet
267Kb / 14P
   N-channel 24V - 0.0034廓 - 120A - TO-220 STripFET??Power MOSFET for DC-DC conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com