Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-H1CA009V Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTR-H1CA009V
Description  POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-H1CA009V Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTR-H1CA009V Datasheet HTML 1Page - Fujitsu Component Limited. FTR-H1CA009V Datasheet HTML 2Page - Fujitsu Component Limited. FTR-H1CA009V Datasheet HTML 3Page - Fujitsu Component Limited. FTR-H1CA009V Datasheet HTML 4Page - Fujitsu Component Limited. FTR-H1CA009V Datasheet HTML 5Page - Fujitsu Component Limited. FTR-H1CA009V Datasheet HTML 6Page - Fujitsu Component Limited. FTR-H1CA009V Datasheet HTML 7Page - Fujitsu Component Limited. FTR-H1CA009V Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
n
FEATURES
l
Working class: B (for IMQ)/ C (for VDE)
l
Type of service: continuous duty
l
Low profile (height 16.5 mm)/ cadmium free contacts
l
1 form A/ 1 form C 10 A, TV-5 rating available
l
UL class B (130°C) insulation
l
High isolation in small package (between coil and con-
tacts)
—Insulation distance : 8 mm
—Dielectric strength
: 5,000 VAC
—Surge strength
:10,000 V
l
Plastic materials
—UL94 flame class V-0
UL CTI level class 2
l
Plastic sealed relay
l
Pin configuration compatible to VS/ FBR610 Series
l
UL, CSA, BSI, VDE, SEMKO recognized
l
Conforms to FIMKO, DEMKO
l
Environmentally friendly cadmium free contacts type are
available
l
RoHS compliant since date code: 0434R
Please see page 7 for more information
FTR-H1 SERIES
POWER RELAY
1 POLE—10 A LOW PROFILE TYPE
1
(a)
Series Name
FTR-H1: FTR-H1 Series
(b)
Contact Arrangement
A
: 1 form A (SPST-NO)
C
: 1 form C (SPDT)
(c)
Coil Type
A
: Standard type (0.53 W)
D
: High sensitive type (0.4W)
(d)
Nominal Voltage
005
: 5 VDC
012
: 12 VDC
006
: 6 VDC
024
: 24 VDC
009
: 9 VDC
048
: 48 VDC
(e)
Contact Material/TV Type
V
: Gold plate silver alloy (standard type)
T
: Gold plate silver alloy (TV-5 rating type, 1 form A standard type
only)
(f)
Custom Designation
Custom specificationto be assigned
n
ORDERING INFORMATION
FTR-H1 A
A
005
V
– **
[Example]
(a)
(b) (c)
(d)
(e)
(f)
Ordering Code
FTR-H1AA005V
Actual Marking
H1AA005V
RoHS compliant


Similar Part No. - FTR-H1CA009V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1CA009VRG FUJITSU-FTR-H1CA009VRG Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
More results

Similar Description - FTR-H1CA009V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H3 FUJITSU-FTR-H3 Datasheet
514Kb / 6P
   SILENT POWER RELAY 1 POLE-10 A LOW PROFILE TYPE FTR-H3 SERIES
FTR-H2 FUJITSU-FTR-H2 Datasheet
564Kb / 8P
   POWER RELAY 1 POLE-10 A (CADMIUM FREE CONTACTS TYPE)
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
   POWER RELAY 1 POLE-3, 5, 10 A
logo
Fujitsu Component Limit...
LZG-B12HMSE-K FUJITSU-LZG-B12HMSE-K Datasheet
58Kb / 6P
   POWER RELAY 1 POLE-1, 3, 5, 10 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
LZ-B12HMSE-KHV-UC FUJITSU-LZ-B12HMSE-KHV-UC Datasheet
424Kb / 10P
   POWER RELAY 1 POLE-1, 3, 5, 10 A(MEDIUM LOAD CONTROL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com