Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P12IE90F4 Datasheet(PDF) 9 Page - STMicroelectronics

Part # P12IE90F4
Description  Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P12IE90F4 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button P12IE90F4 Datasheet HTML 3Page - STMicroelectronics P12IE90F4 Datasheet HTML 4Page - STMicroelectronics P12IE90F4 Datasheet HTML 5Page - STMicroelectronics P12IE90F4 Datasheet HTML 6Page - STMicroelectronics P12IE90F4 Datasheet HTML 7Page - STMicroelectronics P12IE90F4 Datasheet HTML 8Page - STMicroelectronics P12IE90F4 Datasheet HTML 9Page - STMicroelectronics P12IE90F4 Datasheet HTML 10Page - STMicroelectronics P12IE90F4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STP12IE90F4
Package mechanical data
9/11
DIM.
mm.
MIN.
TYP
MAX.
A
4.30
4.70
A1
2.60
3
A2
1.30
1.50
1.70
b
0.50
0.70
b1
1.05
b2
1.30
b3
1.25
b4
1.50
c
0.45
0.50
0.60
D
15.50
15.90
E9.80
10.20
e
2.29
2.54
2.79
e1
7.62
H1
6.30
6.70
L13.60
L1
3.30
L2
15.40
15.80
Dia P
3
3.40
Q
3.30
3.50
TO220FP-4L MECHANICAL DATA


Similar Part No. - P12IE90F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P12IE95F4 STMICROELECTRONICS-P12IE95F4 Datasheet
275Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
More results

Similar Description - P12IE90F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC12IE90HV STMICROELECTRONICS-STC12IE90HV Datasheet
242Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 900 V - 12A - 0.083 ohm
STP12IE95F4 STMICROELECTRONICS-STP12IE95F4 Datasheet
275Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 950 V - 12A - 0.083 ohm
STC08IE120HV STMICROELECTRONICS-STC08IE120HV Datasheet
268Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STP08IE120F4 STMICROELECTRONICS-STP08IE120F4 Datasheet
278Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE120HP STMICROELECTRONICS-STC08IE120HP Datasheet
295Kb / 11P
   Emitter Switched Bipolar Transistor ESBT 1200 V - 8A - 0.10 ohm
STC08IE150HV STMICROELECTRONICS-STC08IE150HV Datasheet
120Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 8A - 0.10 ohm
STC05IE150HV STMICROELECTRONICS-STC05IE150HV Datasheet
118Kb / 7P
   Emitter Switched Bipolar Transistor ESBT 1500 V - 5 A - 0.12 ohm
November 2006 Rev 2
STC05DE150 STMICROELECTRONICS-STC05DE150 Datasheet
165Kb / 4P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 5 A - 0.10 ohm
STC03DE170HV STMICROELECTRONICS-STC03DE170HV Datasheet
288Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1700 V - 3 A - 0.55 OHM
STC08DE150 STMICROELECTRONICS-STC08DE150 Datasheet
264Kb / 9P
   HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com