Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK543-60B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK543-60B
Description  PowerMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK543-60B Datasheet(HTML) 6 Page - NXP Semiconductors

  BUK543-60B Datasheet HTML 1Page - NXP Semiconductors BUK543-60B Datasheet HTML 2Page - NXP Semiconductors BUK543-60B Datasheet HTML 3Page - NXP Semiconductors BUK543-60B Datasheet HTML 4Page - NXP Semiconductors BUK543-60B Datasheet HTML 5Page - NXP Semiconductors BUK543-60B Datasheet HTML 6Page - NXP Semiconductors BUK543-60B Datasheet HTML 7Page - NXP Semiconductors BUK543-60B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK543-60A/B
Logic level FET
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.17. SOT186; The seating plane is electrically isolated from all terminals.
Notes
1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent
damage to MOS gate oxide.
2. Refer to mounting instructions for F-pack envelopes.
3. Epoxy meets UL94 V0 at 1/8".
10.2
max
5.7
max
3.2
3.0
0.9
0.5
4.4
max
2.9 max
4.4
4.0
seating
plane
7.9
7.5
17
max
0.55 max
1.3
13.5
min
2.54
5.08
0.9
0.7
12
3
M
0.4
top view
3.5 max
not tinned
4.4
April 1993
6
Rev 1.100


Similar Part No. - BUK543-60B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK543-60B ISC-BUK543-60B Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK543-60B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK573-60A PHILIPS-BUK573-60A Datasheet
57Kb / 8P
   PowerMOS transistor Logic level FET
February 1994 Rev 1.100
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com