Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N4NF03L Datasheet(PDF) 4 Page - STMicroelectronics

Part # N4NF03L
Description  N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N4NF03L Datasheet(HTML) 4 Page - STMicroelectronics

  N4NF03L Datasheet HTML 1Page - STMicroelectronics N4NF03L Datasheet HTML 2Page - STMicroelectronics N4NF03L Datasheet HTML 3Page - STMicroelectronics N4NF03L Datasheet HTML 4Page - STMicroelectronics N4NF03L Datasheet HTML 5Page - STMicroelectronics N4NF03L Datasheet HTML 6Page - STMicroelectronics N4NF03L Datasheet HTML 7Page - STMicroelectronics N4NF03L Datasheet HTML 8Page - STMicroelectronics N4NF03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
STN4NF03L
4/12
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
30
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±16V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
1V
RDS(on)
Static drain-source on
resistance
VGS= 10V, ID= 2A
VGS= 5V, ID= 2A
0.039
0.046
0.05
0.06
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS=10V, ID=1A
36
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25V, f=1 MHz, VGS=0
330
90
40
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=24V, ID = 4A
VGS =10V
(see Figure 13)
6.5
3.2
2
9nC
nC
nC
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
rise time
VDD=15 V, ID=2A,
RG=4.7Ω, VGS=4.5V
(see Figure 14)
11
100
ns
ns
td(off)
tf
Turn-off-delay time
fall time
VDD=15 V, ID=2A,
RG=4.7Ω, VGS=4.5V
(see Figure 14)
35
22
ns
ns


Similar Part No. - N4NF03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N4NY-002-9-CMC ETC1-N4NY-002-9-CMC Datasheet
184Kb / 2P
   P-Clips, Nylon Cable Clamping Clips
N4NY-003-9-CMC ETC1-N4NY-003-9-CMC Datasheet
184Kb / 2P
   P-Clips, Nylon Cable Clamping Clips
N4NY-004-9-CMC ETC1-N4NY-004-9-CMC Datasheet
184Kb / 2P
   P-Clips, Nylon Cable Clamping Clips
N4NY-005-9-CMC ETC1-N4NY-005-9-CMC Datasheet
184Kb / 2P
   P-Clips, Nylon Cable Clamping Clips
More results

Similar Description - N4NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
   N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET??II POWER MOSFET
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
   N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET??II POWER MOSFET
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
   N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET??II POWER MOSFET
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
   N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET??II POWER MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
   N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
   P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com