Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1054IDW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LT1054IDW
Description  SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1054IDW Datasheet(HTML) 4 Page - Texas Instruments

  LT1054IDW Datasheet HTML 1Page - Texas Instruments LT1054IDW Datasheet HTML 2Page - Texas Instruments LT1054IDW Datasheet HTML 3Page - Texas Instruments LT1054IDW Datasheet HTML 4Page - Texas Instruments LT1054IDW Datasheet HTML 5Page - Texas Instruments LT1054IDW Datasheet HTML 6Page - Texas Instruments LT1054IDW Datasheet HTML 7Page - Texas Instruments LT1054IDW Datasheet HTML 8Page - Texas Instruments LT1054IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LT1054
SWITCHEDCAPACITOR VOLTAGE CONVERTERS
WITH REGULATORS
SLVS033F − FEBRUARY 1990 − REVISED NOVEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Shutdown threshold voltage vs Free-air temperature
1
Supply current vs Input voltage
2
Oscillator frequency vs Free-air temperature
3
Supply current in shutdown vs Input voltage
4
Average supply current vs Output current
5
Output voltage loss vs Input capacitance
6
Output voltage loss vs Oscillator frequency (10
µF)
7
Output voltage loss vs Oscillator frequency (100
µF)
8
Regulated output voltage vs Free-air temperature
9
Reference voltage change vs Free-air temperature
10
Voltage loss vs Output current
11
Table of Figures
FIGURE
Switched-Capacitor Building Block
12
Switched-Capacitor Equivalent Circuit
13
Circuit With Load Connected From VCC to VOUT
14
External-Clock System
15
Basic Regulation Configuration
16
Power-Dissipation-Limiting Resistor in Series With CIN
17
Motor-Speed Servo
18
Basic Voltage Inverter
19
Basic Voltage Inverter/Regulator
20
Negative-Voltage Doubler
21
Positive-Voltage Doubler
22
100-mA Regulating Negative Doubler
23
Dual-Output Voltage Doubler
24
5-V to
±12-V Converter
25
Strain-Gage Bridge Signal Conditioner
26
3.5-V to 5-V Regulator
27
Regulating 200-mA +12-V to −5-V Converter
28
Digitally Programmable Negative Supply
29
Positive Doubler With Regulation (5-V to 8-V Converter)
30
Negative Doubler With Regulator
31


Similar Part No. - LT1054IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054IDW TI-LT1054IDW Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IDW TI-LT1054IDW Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054IDWG4 TI-LT1054IDWG4 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
LT1054IDWR TI-LT1054IDWR Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054IDWR TI-LT1054IDWR Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
More results

Similar Description - LT1054IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
LT1054 TI-LT1054_15 Datasheet
1Mb / 33P
[Old version datasheet]   LT1054 Switched-Capacitor Voltage Converters With Regulators
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com