Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN820-B5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN820-B5
Description  HIGH SIDE DRIVER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN820-B5 Datasheet(HTML) 4 Page - STMicroelectronics

  VN820-B5 Datasheet HTML 1Page - STMicroelectronics VN820-B5 Datasheet HTML 2Page - STMicroelectronics VN820-B5 Datasheet HTML 3Page - STMicroelectronics VN820-B5 Datasheet HTML 4Page - STMicroelectronics VN820-B5 Datasheet HTML 5Page - STMicroelectronics VN820-B5 Datasheet HTML 6Page - STMicroelectronics VN820-B5 Datasheet HTML 7Page - STMicroelectronics VN820-B5 Datasheet HTML 8Page - STMicroelectronics VN820-B5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4/35
VN820 / VN820SO / VN820SP / VN820-B5 / VN820PT
2
ELECTRICAL CHARACTERISTICS (continued)
INPUT PIN
VCC - OUTPUT DIODE
STATUS PIN
PROTECTIONS (see note 1)
Note 1: To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used
together with a proper software strategy. If the device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles
OPENLOAD DETECTION
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
1.25
V
IIL
Low Level Input Current
VIN=1.25V
1
µA
VIH
Input High Level
3.25
V
IIH
High Level Input Current
VIN=3.25V
10
µA
VI(hyst)
Input Hysteresis Voltage
0.5
V
VICL
Input Clamp Voltage
IIN=1mA
IIN=-1mA
6
6.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward on Voltage
-IOUT=2A; Tj=150°C
0.6
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSTAT
Status Low Output Voltage ISTAT=1.6mA
0.5
V
ILSTAT
Status Leakage Current
Normal Operation VSTAT=5V
10
µA
CSTAT
Status Pin Input
Capacitance
Normal Operation VSTAT=5V
100
pF
VSCL
Status Clamp Voltage
ISTAT=1mA
ISTAT=-1mA
66.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TTSD
Shut-down Temperature
150
175
200
°C
TR
Reset Temperature
135
°C
Thyst
Thermal Hysteresis
7
15
°C
tSDL
Status delay in overload
condition
Tj>TTSD
20
µs
Ilim
Current limitation
5.5V<VCC<36V
913
20
20
A
A
Vdemag
Turn-off Output Clamp
Voltage
IOUT=3A; VIN=0V; L=6mH
VCC-41 VCC-48 VCC-55
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IOL
Openload ON State
Detection Threshold
VIN=5V
70
150
300
mA
tDOL(on)
Openload ON State
Detection Delay
IOUT=0A
200
µs
VOL
Openload OFF State
Voltage Detection
Threshold
VIN=0V
1.5
2.5
3.5
V
tDOL(off)
Openload Detection Delay
at Turn Off
1000
µs


Similar Part No. - VN820-B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN820-B5 STMICROELECTRONICS-VN820-B5 Datasheet
692Kb / 34P
   HIGH SIDE DRIVER
VN820-B5 STMICROELECTRONICS-VN820-B5 Datasheet
624Kb / 43P
   High-side driver
VN820-B513TR STMICROELECTRONICS-VN820-B513TR Datasheet
692Kb / 34P
   HIGH SIDE DRIVER
More results

Similar Description - VN820-B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
   High side driver
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com