Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C64A Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27C64A
Description  64 Kbit (8Kb x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C64A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27C64A Datasheet HTML 7Page - STMicroelectronics M27C64A Datasheet HTML 8Page - STMicroelectronics M27C64A Datasheet HTML 9Page - STMicroelectronics M27C64A Datasheet HTML 10Page - STMicroelectronics M27C64A Datasheet HTML 11Page - STMicroelectronics M27C64A Datasheet HTML 12Page - STMicroelectronics M27C64A Datasheet HTML 13Page - STMicroelectronics M27C64A Datasheet HTML 14Page - STMicroelectronics M27C64A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
M27C64A
Device operation
11/22
Table 2.
Operating Modes(1)
1.
X = VIH or VIL, VID = 12V ± 0.5V.
Mode
E
G
P
A9
VPP
Q70-Q0
Read
VIL
VIL
VIH
XVCC
Data Out
Output Disable
VIL
VIH
VIH
XVCC
Hi-Z
Program
VIL
XVIL Pulse
X
VPP
Data Input
Verify
VIL
VIL
VIH
XVPP
Data Output
Program Inhibit
VIH
XX
X
VPP
Hi-Z
Standby
VIH
XX
X
VCC
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
VCC
Codes
Table 3.
Electronic Signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s
Code
VIL
10011011
9Bh
Device Code
VIH
00001000
08h


Similar Part No. - M27C64A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C64A STMICROELECTRONICS-M27C64A Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
M27C64A-15C1TR STMICROELECTRONICS-M27C64A-15C1TR Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C64A-15C1TR STMICROELECTRONICS-M27C64A-15C1TR Datasheet
99Kb / 11P
   64K (8K x 8) UV EPROM and OTP ROM
M27C64A-15C1X STMICROELECTRONICS-M27C64A-15C1X Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
More results

Similar Description - M27C64A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com