Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2532L-1-F3-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2532L-1-F3-A
Description  HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2532L-1-F3-A Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2532L-1-F3-A Datasheet HTML 3Page - California Eastern Labs PS2532L-1-F3-A Datasheet HTML 4Page - California Eastern Labs PS2532L-1-F3-A Datasheet HTML 5Page - California Eastern Labs PS2532L-1-F3-A Datasheet HTML 6Page - California Eastern Labs PS2532L-1-F3-A Datasheet HTML 7Page - California Eastern Labs PS2532L-1-F3-A Datasheet HTML 8Page - California Eastern Labs PS2532L-1-F3-A Datasheet HTML 9Page - California Eastern Labs PS2532L-1-F3-A Datasheet HTML 10Page - California Eastern Labs PS2532L-1-F3-A Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PS2532-1,-2,-4,PS2532L-1,-2,-4
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Ratings
Parameter
Symbol
PS2532-1,
PS2532L-1
PS2532-2, -4,
PS2532L-2, -
4
Unit
Diode
Forward Current (DC)
IF
80
mA
Reverse Voltage
VR
6
V
Power Dissipation Derating
PD/°C
1.5
1.2
mW
°C
Power Dissipation
PD
150
120
mW/ch
Peak Forward Current
*1
IFP
1
A
Transistor
Collector to Emitter Voltage
VCEO
300
V
Emitter to Collector Voltage
VECO
0.6
V
Collector Current
IC
150
mA/ch
Power Dissipation Derating
PC/°C
3.0
2.4
mW/
°C
Power Dissipation
PC
300
240
mW/ch
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output
Data Sheet PN10232EJ01V0DS
7


Similar Part No. - PS2532L-1-F3-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2532L-1-V NEC-PS2532L-1-V Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results

Similar Description - PS2532L-1-F3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com