Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA5051RSAR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA5051RSAR
Description  FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA5051RSAR Datasheet(HTML) 5 Page - Texas Instruments

  TPA5051RSAR Datasheet HTML 1Page - Texas Instruments TPA5051RSAR Datasheet HTML 2Page - Texas Instruments TPA5051RSAR Datasheet HTML 3Page - Texas Instruments TPA5051RSAR Datasheet HTML 4Page - Texas Instruments TPA5051RSAR Datasheet HTML 5Page - Texas Instruments TPA5051RSAR Datasheet HTML 6Page - Texas Instruments TPA5051RSAR Datasheet HTML 7Page - Texas Instruments TPA5051RSAR Datasheet HTML 8Page - Texas Instruments TPA5051RSAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
Serial Audio Input Ports
th1
tsu1
tsu2
th2
DATA
BCLK
(Input)
LRCLK
(Input)
APPLICATION INFORMATION
AUDIO SERIAL INTERFACE
AUDIO DATA FORMATS AND TIMING
TPA5051
SLOS497A – JUNE 2006 – REVISED JULY 2006
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCLKIN Frequency, BCLK 32 × fs, 48 × fs, 64 × fs
1.024
12.288
MHz
tsu1
Setup time, LRCLK to BCLK rising edge
10
ns
th1
Hold time, LRCLK from BCLK rising edge
10
ns
tsu2
Setup time, DATA to BCLK rising edge
10
ns
th2
Hold time, DATA from BCLK rising edge
10
ns
LRCLK frequency
32
48
192
kHz
BCLK duty cycle
50%
LRCLK duty cycle
50%
BCLK rising edges between LRCLK rising edges
LRCLK duty cycle = 50%
32
64
BCLK edges
Figure 3. Serial Data Interface Timing
The audio serial interface for the TPA5051 consists of two 3-wire synchronous serial ports. Each includes an
LRCLK, BCLK, and DATA. BCLK is the serial audio bit clock, and it is used to clock the serial data present on
the DATA line into the serial shift register of the audio interface. Serial data is clocked into the TPA5051 on the
rising edge of BCLK. LRCLK is the serial audio left/right word clock, operated at the sampling frequency, fs. It is
used to latch serial data into the internal registers of the serial audio interface. BCLK can be operated at 32 to
64 times the sampling frequency for right-justified, left-justified, and I2S formats. Generally, both LRCLK and
BCLK should be synchronous to the system clock. However, the TPA5051 does not have a system clock, so the
only synchonization necessary is between BCLK and LRCLK.
The TPA5051 supports industry-standard audio data formats, including right-justified, I2S, and left-justified. The
data formats are shown in Figure 4. Data formats are selected using the I2C interface and register map (see
Table 1).
5
Submit Documentation Feedback


Similar Part No. - TPA5051RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5051RSAR TI-TPA5051RSAR Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051RSARG4 TI-TPA5051RSARG4 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results

Similar Description - TPA5051RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
   8-channel Lip Sync Delay
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
   Digital Audio Delay
NJU26904 NJRC-NJU26904 Datasheet
208Kb / 18P
   Digital Audio Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com