Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS5PF30L Datasheet(PDF) 11 Page - STMicroelectronics

Part # STS5PF30L
Description  P-channel 30V - 0.045OHM - 5A SO-8 STripFET TM Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS5PF30L Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STS5PF30L_07 Datasheet HTML 4Page - STMicroelectronics STS5PF30L_07 Datasheet HTML 5Page - STMicroelectronics STS5PF30L_07 Datasheet HTML 6Page - STMicroelectronics STS5PF30L_07 Datasheet HTML 7Page - STMicroelectronics STS5PF30L_07 Datasheet HTML 8Page - STMicroelectronics STS5PF30L_07 Datasheet HTML 9Page - STMicroelectronics STS5PF30L_07 Datasheet HTML 10Page - STMicroelectronics STS5PF30L_07 Datasheet HTML 11Page - STMicroelectronics STS5PF30L_07 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STS5PF30L
Revision history
11/12
5
Revision history
Table 7.
Revision history
Date
Revision
Changes
06-Feb-2007
4
The document has been reformatted


Similar Part No. - STS5PF30L_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
45Kb / 6P
   P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STS5PF30L DOINGTER-STS5PF30L Datasheet
1Mb / 5P
   P-Channel MOSFET uses advanced trench technology
More results

Similar Description - STS5PF30L_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
STS5PF30L STMICROELECTRONICS-STS5PF30L Datasheet
45Kb / 6P
   P - CHANNEL 30V - 0.053ohm - 5A SO-8 STripFET POWER MOSFET
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
STS4C3F30L STMICROELECTRONICS-STS4C3F30L Datasheet
392Kb / 14P
   N-channel 30V - 0.044廓 - 5A - SO-8 STripFET??Power MOSFET
STS2DNF30L STMICROELECTRONICS-STS2DNF30L Datasheet
268Kb / 8P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STS2DNF30L STMICROELECTRONICS-STS2DNF30L_07 Datasheet
295Kb / 12P
   Dual N-channel 30V - 0.09ohm - 3A SO-8 STripFET TM Power MOSFET
STS4DNF30L STMICROELECTRONICS-STS4DNF30L_06 Datasheet
330Kb / 12P
   Dual N-channel 30V - 0.039ohm - 4A SO-8 STripFET TM Power MOSFET
STS7PF30L STMICROELECTRONICS-STS7PF30L Datasheet
135Kb / 6P
   P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET??II POWER MOSFET
STS5DPF20L STMICROELECTRONICS-STS5DPF20L Datasheet
312Kb / 9P
   P-CHANNEL 20V - 0.045??- 5A SO-8 STripFET??II MOSFET
September 2004 Rev. 2
STS6PF30L STMICROELECTRONICS-STS6PF30L Datasheet
295Kb / 8P
   P-CHANNEL 30V - 0.027 ohm - 6A SO-8 STripFET??POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com