Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH620A Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SFH620A
Description  Optocoupler, Phototransistor Output, AC Input
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH620A Datasheet(HTML) 7 Page - Vishay Siliconix

  SFH620A Datasheet HTML 1Page - Vishay Siliconix SFH620A Datasheet HTML 2Page - Vishay Siliconix SFH620A Datasheet HTML 3Page - Vishay Siliconix SFH620A Datasheet HTML 4Page - Vishay Siliconix SFH620A Datasheet HTML 5Page - Vishay Siliconix SFH620A Datasheet HTML 6Page - Vishay Siliconix SFH620A Datasheet HTML 7Page - Vishay Siliconix SFH620A Datasheet HTML 8Page - Vishay Siliconix SFH620A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SFH620A / SFH6206
Document Number 83675
Rev. 1.6, 01-Dec-05
Vishay Semiconductors
www.vishay.com
7
0.014 (0.35)
0.010 (0.25)
0.400 (10.16)
0.430 (10.92)
0.307 (7.8)
0.291 (7.4)
0.407 (10.36)
0.391 (9.96)
Option 6
0.315 (8.0)
MIN.
0.300 (7.62)
TYP.
0.180 (4.6)
0.160 (4.1)
0.331 (8.4)
MIN.
0.406 (10.3)
MAX.
0.028 (0.7)
MIN.
Option 7


Similar Part No. - SFH620A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
   5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
SFH620A VISHAY-SFH620A Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
SFH620A VISHAY-SFH620A Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
logo
Infineon Technologies A...
SFH620A-1 INFINEON-SFH620A-1 Datasheet
84Kb / 1P
   Optocouplers
May 31, 2000-10
More results

Similar Description - SFH620A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-3T VISHAY-SFH6206-3T Datasheet
160Kb / 7P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 23-Feb-11
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
TCET1600 VISHAY-TCET1600_10 Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com