Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVC162835DGGRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74ALVC162835DGGRE4
Description  18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVC162835DGGRE4 Datasheet(HTML) 4 Page - Texas Instruments

  74ALVC162835DGGRE4 Datasheet HTML 1Page - Texas Instruments 74ALVC162835DGGRE4 Datasheet HTML 2Page - Texas Instruments 74ALVC162835DGGRE4 Datasheet HTML 3Page - Texas Instruments 74ALVC162835DGGRE4 Datasheet HTML 4Page - Texas Instruments 74ALVC162835DGGRE4 Datasheet HTML 5Page - Texas Instruments 74ALVC162835DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ALVC162835DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ALVC162835DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ALVC162835DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN74ALVC162835
18-BIT UNIVERSAL BUS DRIVER
WITH 3-STATE OUTPUTS
SCES126H – FEBRUARY 1998 – REVISED SEPTEMBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -2 mA
1.65 V
1.2
IOH = -4 mA
2.3 V
1.9
VOH
2.3 V
1.7
V
IOH = -6 mA
3 V
2.4
IOH = -8 mA
2.7 V
2
IOH = -12 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 2 mA
1.65 V
0.45
IOL = 4 mA
2.3 V
0.4
VOL
2.3 V
0.55
V
IOL = 6 mA
3 V
0.55
IOL = 8 mA
2.7 V
0.6
IOL = 12 mA
3 V
0.8
II
VI = VCC or GND
3.6 V
±5
µA
IOZ
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
40
µA
∆I
CC
One input at VCC - 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Control inputs
3.5
Ci
VI = VCC or GND
3.3 V
pF
Data inputs
5
Co Outputs
VO = VCC or GND
3.3 V
7
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
150
150
150
MHz
LE high
(1)
3.3
3.3
3.3
tw
Pulse duration
ns
CLK high or low
(1)
3.3
3.3
3.3
Data before CLK
(1)
2.2
2.1
1.7
tsu
Setup time
CLK high
(1)
1.9
1.6
1.5
ns
Data before LE
CLK low
(1)
1.3
1.1
1
Data after CLK
(1)
0.6
0.6
0.7
th
Hold time
ns
Data after LE
CLK high or low
(1)
1.4
1.7
1.4
(1)
This information was not available at the time of publication.
4


Similar Part No. - 74ALVC162835DGGRE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
logo
NXP Semiconductors
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162835A NEXPERIA-74ALVC162835A Datasheet
201Kb / 15P
   18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
logo
NXP Semiconductors
74ALVC162835ADGG PHILIPS-74ALVC162835ADGG Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
logo
Nexperia B.V. All right...
74ALVC162835ADGG NEXPERIA-74ALVC162835ADGG Datasheet
201Kb / 15P
   18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
More results

Similar Description - 74ALVC162835DGGRE4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com