Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI4ULS3V16ZFE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V16ZFE
Description  1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V16ZFE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI4ULS3V16ZFE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8775E
02/23/07
PI4ULS3V16
1.2V to 3.6V, Universal Bi-directional
Level Shifter with Automatic Direction Control
Recommended Operating Conditions(1, 2, 3)
Parameter
Description
VCCI
Min.
Max.
Units
VCCA, VCCB
Supply Voltage
1.2
3.6
V
VIH
High-Level Input
Voltage
I/O pins
1.2V to 1.95V
0.65 x VCCI
2.3V to 2.7V
1.7
2.7V to 3.6V
2
VIL
Low-Level Input
Voltage
I/O pins
1.2V to 1.95V
0.35 x VCCI
2.3V to 2.7V
0.7
2.7V to 3.6V
0.8
VIHB
High-Level Input
Voltage
Control Inputs
(OE and SEL)
1.2V to 1.95V
0.65 x VCCB
2.3V to 2.7V
1.7
2.7V to 3.6V
2
VILB
Low-Level Input
Voltage
Control Inputs
(OE and SEL)
1.2V to 1.95V
0.35 x VCCB
2.3V to 2.7V
0.7
2.7V to 3.6V
0.8
VI
Input Voltage
I/O pins and Control
Inputs
0
3.6
VO
Output Voltage
I/O pins and Control
Inputs
0
3.6
IOH
High-Level Output
Current
I/O pins
VCCO = 1.2V
-3
mA
VCC = 1.4V
-5
VCCO = 1.65V
-8
VCCO = 2.3V
-9
VCCO = 3.0V
-12
IOL
Low-Level Output
Current
I/O pins
VCC = 1.2V
-3
VCCO = 1.4V
5
VCCO = 1.65V
8
VCCO = 2.3V
9
VCCO = 3.0V
12
∆V/∆t
Input Transition rise or fall rate
10
V/ns
TA
Operating Free-Air Temperature
-40
85
°C
Notes:
1.
VCCI is the VCC associated with the data input port.
2.
VCO is the VCC associated with the date output port.
3.
To ensure proper device operation, all unused device inputs must be held at VCCI or GND.
07-0052


Similar Part No. - PI4ULS3V16ZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V16ZFE PERICOM-PI4ULS3V16ZFE Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
More results

Similar Description - PI4ULS3V16ZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16 PERICOM-PI4ULS3V16_13 Datasheet
333Kb / 7P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS5V102 PERICOM-PI4ULS5V102 Datasheet
471Kb / 12P
   2-Bit Universal Bi-directional Level Shifter with Automatic Direction Control & Advance Package Solution
PI4ULS5V104GAEX PERICOM-PI4ULS5V104GAEX Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104 PERICOM-PI4ULS5V104_15 Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V201 PERICOM-PI4ULS5V201 Datasheet
534Kb / 11P
   1-Bit Bi-directional Level Shifter with Automatic Sensing
PI4ULS5V202 PERICOM-PI4ULS5V202 Datasheet
548Kb / 11P
   2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
logo
Diodes Incorporated
PI4ULS5V202Q DIODES-PI4ULS5V202Q Datasheet
1Mb / 10P
   Automotive Qualified 2-Bit Bi-directional Level Shifter with Automatic Sensing & Ultra Tiny Package
Rev 3 - 2 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com