Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6P3300HR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF6P3300HR3
Description  RF Power Field Effect Transistor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6P3300HR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF6P3300HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6P3300HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6P3300HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6P3300HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6P3300HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6P3300HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6P3300HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6P3300HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF6P3300HR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6P3300HR3 MRF6P3300HR5
TYPICAL NARROWBAND CHARACTERISTICS
Figure 7. Intermodulation Distortion Products
versus Output Power
−70
−10
10
7th Order
Pout, OUTPUT POWER (WATTS) PEP
VDD = 32 Vdc, IDQ = 1600 mA, f1 = 857 MHz
f2 = 863 MHz, Two−Tone Measurements
3rd Order
−20
−30
−40
−50
100
600
−60
5th Order
5
Figure 8. Intermodulation Distortion Products
versus Tone Spacing @ 860 MHz
10
−55
−20
0.01
7th Order
TWO−TONE SPACING (MHz)
VDD = 32 Vdc, Pout = 270 W (PEP), IDQ = 1600 mA
Two−Tone Measurements, f = 860 MHz
5th Order
3rd Order
−25
−30
−40
−50
140
0.1
−35
−45
Figure 9. Pulse CW Output Power versus
Input Power
44
64
34
Pin, INPUT POWER (dBm)
VDD = 32 Vdc, IDQ = 1600 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 860 MHz
61
59
57
52
36
38
40
42
Actual
Ideal
63
53
32
55
60
58
56
54
33
35
37
39
41
43
62
P1dB = 55.20 dBm
(330.94 W)
P3dB = 55.87 dBm
(386.48 W)
P6dB = 56.28 dBm
(424.54 W)
Figure 10. Single-Carrier DVBT OFDM ACPR,
Power Gain and Drain Efficiency
versus Output Power
15
−64
Pout, OUTPUT POWER (WATTS) AVG.
45
−40
30
20
−44
−48
−60
30
40
100
−56
Gps
ACPR
VDD = 32 Vdc, IDQ = 1600 mA, f = 860 MHz
8K Mode OFDM, 64 QAM Data Carrier
Modulation, 5 Symbols
90
−30
_C
40
50
60 70 80
25
_C
20
200
35
25
−52
−30
_C
25
_C
85
_C
TC = 85_C
25
_C
ηD


Similar Part No. - MRF6P3300HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P3300HR3 FREESCALE-MRF6P3300HR3 Datasheet
879Kb / 24P
   RF Power Field Effect Transistor (N-Channel Enhancement-Mode Lateral MOSFET)
More results

Similar Description - MRF6P3300HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com