Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4M51323PC-SF Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4M51323PC-SF
Description  Mobile-SDRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M51323PC-SF Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4M51323PC-SF Datasheet HTML 4Page - Samsung semiconductor K4M51323PC-SF Datasheet HTML 5Page - Samsung semiconductor K4M51323PC-SF Datasheet HTML 6Page - Samsung semiconductor K4M51323PC-SF Datasheet HTML 7Page - Samsung semiconductor K4M51323PC-SF Datasheet HTML 8Page - Samsung semiconductor K4M51323PC-SF Datasheet HTML 9Page - Samsung semiconductor K4M51323PC-SF Datasheet HTML 10Page - Samsung semiconductor K4M51323PC-SF Datasheet HTML 11Page - Samsung semiconductor K4M51323PC-SF Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
K4M51323PC-S(D)E/G/C/F
February 2006
Mobile-SDRAM
AC CHARACTERISTICS(AC operating conditions unless otherwise noted)
NOTES :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Parameter
Symbol
-75
-90
-1L
Unit
Note
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
7.5
1000
9
1000
9
1000
ns
1
CAS latency=2
tCC
12
12
15
CAS latency=1
tCC
-
-
25
CLK to valid output delay
CAS latency=3
tSAC
6
7
7
ns
1,2
CAS latency=2
tSAC
9
9
10
CAS latency=1
tSAC
-
-
20
Output data hold time
CAS latency=3
tOH
2.5
2.5
2.5
ns
2
CAS latency=2
tOH
2.5
2.5
2.5
CAS latency=1
tOH
-
-
2.5
CLK high pulse width
tCH
2.5
3.0
3.0
ns
3
CLK low pulse width
tCL
2.5
3.0
3.0
ns
3
Input setup time
tSS
2.0
2.0
2.0
ns
3
Input hold time
tSH
1
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
2
CLK to output in Hi-Z
CAS latency=3
tSHZ
6
7
7
ns
CAS latency=2
9
9
10
CAS latency=1
-
-
20


Similar Part No. - K4M51323PC-SF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDF75 SAMSUNG-K4M513233C-SDF75 Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDF7L SAMSUNG-K4M513233C-SDF7L Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDG75 SAMSUNG-K4M513233C-SDG75 Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C-SDG7L SAMSUNG-K4M513233C-SDG7L Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M51323PC-SF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M28163LH SAMSUNG-K4M28163LH Datasheet
114Kb / 12P
   Mobile SDRAM
K4M51323LC SAMSUNG-K4M51323LC Datasheet
142Kb / 12P
   Mobile-SDRAM
K4M511533E SAMSUNG-K4M511533E Datasheet
106Kb / 12P
   Mobile-SDRAM
logo
Micron Technology
MT48V16M16LFFG MICRON-MT48V16M16LFFG Datasheet
1Mb / 58P
   MOBILE SDRAM
logo
Samsung semiconductor
K4S643233H SAMSUNG-K4S643233H Datasheet
141Kb / 12P
   Mobile-SDRAM
K4S513233F SAMSUNG-K4S513233F Datasheet
143Kb / 12P
   Mobile SDRAM
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Samsung semiconductor
K4X1G163PC-L SAMSUNG-K4X1G163PC-L Datasheet
523Kb / 20P
   Mobile DDR SDRAM
K4S643233F SAMSUNG-K4S643233F Datasheet
62Kb / 8P
   2Mx32 Mobile SDRAM 90FBGA CMOS SDRAM
logo
Hynix Semiconductor
HY5S5B2BLF-6E HYNIX-HY5S5B2BLF-6E Datasheet
666Kb / 54P
   256M (8Mx32bit) Mobile SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com