Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5335 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5335
Description  Dual, High Performance 300mA UCap ULDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5335 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5335 Datasheet HTML 1Page - Micrel Semiconductor MIC5335 Datasheet HTML 2Page - Micrel Semiconductor MIC5335 Datasheet HTML 3Page - Micrel Semiconductor MIC5335 Datasheet HTML 4Page - Micrel Semiconductor MIC5335 Datasheet HTML 5Page - Micrel Semiconductor MIC5335 Datasheet HTML 6Page - Micrel Semiconductor MIC5335 Datasheet HTML 7Page - Micrel Semiconductor MIC5335 Datasheet HTML 8Page - Micrel Semiconductor MIC5335 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC5335
January 2007
3
M9999-010407
(408) 944-0800
Ordering Information
Part number
Manufacturing
Part Number
Marking*
Voltage**
Junction
Temp. Range
Package
MIC5335-1.8/1.5YMT
MIC5335-GFYMT
AGF
1.8V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-1.8/1.6YMT
MIC5335-GWYMT
AGW
1.8V/1.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.5/1.8YMT
MIC5335-JGYMT
AJG
2.5V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.5/2.5YMT
MIC5335-JJYMT
AJJ
2.5V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.6/1.85YMT
MIC5335-KDYMT
AKD
2.6V/1.85
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.6/1.8YMT
MIC5335-KGYMT
AKG
2.6V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.7/2.7YMT
MIC5335-LLYMT
ALL
2.7V/2.7V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.8/1.5YMT
MIC5335-MFYMT
AMF
2.8V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.8/1.8YMT
MIC5335-MGYMT
AMG
2.8V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.8/2.6YMT
MIC5335-MKYMT
AMK
2.8V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.8/2.8YMT
MIC5335-MMYMT
AMM
2.8V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.8/2.85YMT
MIC5335-MNYMT
AMN
2.8V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.85/1.85YMT
MIC5335-NDYMT
AND
2.85V/1.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.85/2.6YMT
MIC5335-NKYMT
ANK
2.85V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.85/2.85YMT
MIC5335-NNYMT
ANN
2.85V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.9/1.5YMT
MIC5335-OFYMT
AOF
2.9V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.9/1.8YMT
MIC5335-OGYMT
AOG
2.9V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-2.9/2.9YMT
MIC5335-OOYMT
AOO
2.9V/2.9V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.0/1.8YMT
MIC5335-PGYMT
APG
3.0V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.0/2.5YMT
MIC5335-PJYMT
APJ
3.0V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.0/2.6YMT
MIC5335-PKYMT
APK
3.0V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.0/2.8YMT
MIC5335-PMYMT
APM
3.0V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.0/2.85YMT
MIC5335-PNYMT
APN
3.0V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.0/3.0YMT
MIC5335-PPYMT
APP
3.0V/3.0V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/1.5YMT
MIC5335-SFYMT
ASF
3.3V/1.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/1.8YMT
MIC5335-SGYMT
ASG
3.3V/1.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/2.5YMT
MIC5335-SJYMT
ASJ
3.3V/2.5V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/2.6YMT
MIC5335-SKYMT
ASK
3.3V/2.6V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/2.7YMT
MIC5335-SLYMT
ASL
3.3V/2.7V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/2.8YMT
MIC5335-SMYMT
ASM
3.3V/2.8V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/2.85YMT
MIC5335-SNYMT
ASN
3.3V/2.85V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/2.9YMT
MIC5335-SOYMT
ASO
3.3V/2.9V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/3.0YMT
MIC5335-SPYMT
ASP
3.3V/3.0V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/3.2YMT
MIC5335-SRYMT
ASR
3.3V/3.2V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
MIC5335-3.3/3.3YMT
MIC5335-SSYMT
ASS
3.3V/3.3V
–40°C to +125°C
6-Pin 1.6x1.6 Thin MLF
®
Note:
* Under bar/Over bar symbol may not be to scale.
** For other voltages available. Contact Micrel Marketing for details.


Similar Part No. - MIC5335

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5335 MICREL-MIC5335 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5335-1.8/1.5YMT MICREL-MIC5335-1.8/1.5YMT Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5335-1.8/1.6YMT MICREL-MIC5335-1.8/1.6YMT Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5335-1.8/1.8YMT MICREL-MIC5335-1.8/1.8YMT Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5335-2.5/1.8YMT MICREL-MIC5335-2.5/1.8YMT Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
More results

Similar Description - MIC5335

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
   High Performance 300mA uCap ULDO TM
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO??with Dual POR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com