Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK800_0609 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STK800_0609
Description  N-channel 30V - 0.006ohm - 20A - PolarPAK STripFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK800_0609 Datasheet(HTML) 2 Page - STMicroelectronics

  STK800_0609 Datasheet HTML 1Page - STMicroelectronics STK800_0609 Datasheet HTML 2Page - STMicroelectronics STK800_0609 Datasheet HTML 3Page - STMicroelectronics STK800_0609 Datasheet HTML 4Page - STMicroelectronics STK800_0609 Datasheet HTML 5Page - STMicroelectronics STK800_0609 Datasheet HTML 6Page - STMicroelectronics STK800_0609 Datasheet HTML 7Page - STMicroelectronics STK800_0609 Datasheet HTML 8Page - STMicroelectronics STK800_0609 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Contents
STK800
2/12
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11


Similar Part No. - STK800_0609

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
   N-channel 30V - 0.006廓 - 20A - PolarPAK짰 STripFET??Power MOSFET
More results

Similar Description - STK800_0609

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK800 STMICROELECTRONICS-STK800 Datasheet
243Kb / 12P
   N-channel 30V - 0.006??- 20A - PolarPAK-R STripFET-TM Power MOSFET
STK850_0610 STMICROELECTRONICS-STK850_0610 Datasheet
276Kb / 12P
   N-channel 30V - 0.0024ohm - 30A - PolarPAK STripFET Power MOSFET
STK850 STMICROELECTRONICS-STK850 Datasheet
229Kb / 12P
   N-CHANNEL 30V - 0.0024 廓 - 30A - PolarPAK-TM STripFET??Power MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET?줚I POWER MOSFET
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
   N-channel 30V - 0.006廓 - 20A - PolarPAK짰 STripFET??Power MOSFET
STP85NF3LL STMICROELECTRONICS-STP85NF3LL Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL_06 Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
STK22N6F3 STMICROELECTRONICS-STK22N6F3 Datasheet
852Kb / 15P
   N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
STK20N75F3 STMICROELECTRONICS-STK20N75F3 Datasheet
907Kb / 15P
   N-channel 75 V, 0.0065 OHM, 20 A, PolarPAK STripFET Power MOSFET
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com