Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP312AEP Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP312AEP
Description  Enhanced RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP312AEP Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP312AEP Datasheet HTML 3Page - Sipex Corporation SP312AEP Datasheet HTML 4Page - Sipex Corporation SP312AEP Datasheet HTML 5Page - Sipex Corporation SP312AEP Datasheet HTML 6Page - Sipex Corporation SP312AEP Datasheet HTML 7Page - Sipex Corporation SP312AEP Datasheet HTML 8Page - Sipex Corporation SP312AEP Datasheet HTML 9Page - Sipex Corporation SP312AEP Datasheet HTML 10Page - Sipex Corporation SP312AEP Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Jan 3-07 Rev B
SP232A/233A/30A/32A
© 2007 Sipex Corporation
Figure 6. Charge Pump Waveforms
VDD
a) C
2
+
GND
GND
b) C
2
Vss
Figure 7. Charge Pump — Phase 3
VCC= +5V
–5V
+5V
–5V
VSSStorage Capacitor
VDDStorage Capacitor
C1
C2
C3
C4
+
+
+
+
Figure 8. Charge Pump — Phase 4
that generate Vfrom V+ will show a decrease in
the magnitude of Vcompared to V+ due to the
inherent inefficiencies in the design.
The clock rate for the charge pump typically
operates at greater than 15kHz. The external
capacitors can be as low as 0.1µF with a 10V
breakdown voltage rating.
Shutdown (SD) and Enable (EN) for the
SP310A and SP312A
Both the SP310A and SP312A have a shutdown/
standby mode to conserve power in battery-pow-
ered systems. To activate the shutdown mode,
which stops the operation of the charge pump, a
logic “0” is applied to the appropriate control line.
For the SP310A, this control line is ON/OFF (pin
18). Activating the shutdown mode also puts the
Vcc = +5V
VDD
VSSStorage Capacitor
VDDStorage Capacitor
C1
C2
C3
C4
+
+
+
+


Similar Part No. - SP312AEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP312AEP SIPEX-SP312AEP Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
SP312AEP SIPEX-SP312AEP Datasheet
206Kb / 12P
   Enhanced RS-232 Line Drivers/Receivers
More results

Similar Description - SP312AEP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232ACN-L-TR EXAR-SP232ACN-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
SP232AEN-L-TR EXAR-SP232AEN-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
SP232A EXAR-SP232A Datasheet
857Kb / 10P
   Enhanced RS-232 Line Drivers/Receivers
SP232ACT-L-TR EXAR-SP232ACT-L-TR Datasheet
821Kb / 11P
   Enhanced RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP232A SIPEX-SP232A_05 Datasheet
206Kb / 12P
   Enhanced RS-232 Line Drivers/Receivers
SP231A SIPEX-SP231A Datasheet
126Kb / 8P
   Enhanced RS-232 Line Drivers/Receivers
logo
Unisonic Technologies
UT232A UTC-UT232A Datasheet
177Kb / 5P
   ENHANCED RS-232 LINE DRIVERS/RECEIVERS
logo
Exar Corporation
SP233A EXAR-SP233A Datasheet
677Kb / 13P
   Enhanced RS-232 Line Drivers/Receivers
logo
Analog Devices
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com