Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH802B-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH802B-TR
Description  Ultrafast recovery diode
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH802B-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH802B-TR Datasheet HTML 3Page - STMicroelectronics STTH802B-TR Datasheet HTML 4Page - STMicroelectronics STTH802B-TR Datasheet HTML 5Page - STMicroelectronics STTH802B-TR Datasheet HTML 6Page - STMicroelectronics STTH802B-TR Datasheet HTML 7Page - STMicroelectronics STTH802B-TR Datasheet HTML 8Page - STMicroelectronics STTH802B-TR Datasheet HTML 9Page - STMicroelectronics STTH802B-TR Datasheet HTML 10Page - STMicroelectronics STTH802B-TR Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
STTH802
Package information
9/11
Figure 14.
D2PAK footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 8.
D2PAK dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.14
1.70
0.045
0.067
C
0.45
0.60
0.017
0.024
C2
1.23
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.40
0.393
0.409
G
4.88
5.28
0.192
0.208
L
15.00
15.85
0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
M
2.40
3.20
0.094
0.126
R
0.40 typ.
0.016 typ.
V2
G
L
L3
L2
B
B2
E
* FLAT ZONE NO LESS THAN 2mm
A
C2
D
R
A2
M
V2
C
A1
*
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - STTH802B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH802-Y STMICROELECTRONICS-STTH802-Y Datasheet
105Kb / 7P
   Automotive ultrafast recovery diode
STTH802C STMICROELECTRONICS-STTH802C Datasheet
177Kb / 9P
   Low forward and reverse recovery time
November 2016 Rev 3
STTH802CB STMICROELECTRONICS-STTH802CB Datasheet
103Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
April 2002 - Ed: 1A
STTH802CB-TR STMICROELECTRONICS-STTH802CB-TR Datasheet
103Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
April 2002 - Ed: 1A
STTH802CFP STMICROELECTRONICS-STTH802CFP Datasheet
103Kb / 8P
   HIGH EFFICIENCY ULTRAFAST DIODE
April 2002 - Ed: 1A
More results

Similar Description - STTH802B-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3R02 STMICROELECTRONICS-STTH3R02 Datasheet
116Kb / 9P
   Ultrafast recovery diode
STTH8R04 STMICROELECTRONICS-STTH8R04 Datasheet
157Kb / 11P
   Ultrafast recovery diode
logo
Sanken electric
FMXA-1106S SANKEN-FMXA-1106S Datasheet
405Kb / 8P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
MPL-1036S SANKEN-MPL-1036S Datasheet
247Kb / 5P
   Ultrafast Recovery Diode
FMXA-2102ST SANKEN-FMXA-2102ST Datasheet
266Kb / 8P
   Ultrafast Recovery Diode
FMXA-2153S SANKEN-FMXA-2153S Datasheet
302Kb / 8P
   Ultrafast Recovery Diode
logo
Inchange Semiconductor ...
DPG60C300HJ ISC-DPG60C300HJ Datasheet
285Kb / 2P
   Ultrafast Recovery Diode
DPG60C400HB ISC-DPG60C400HB Datasheet
286Kb / 2P
   Ultrafast Recovery Diode
DSEP60-12A ISC-DSEP60-12A Datasheet
429Kb / 2P
   Ultrafast Recovery Diode
logo
Sanken electric
MPL-1036S SANKEN-MPL-1036S Datasheet
241Kb / 5P
   Ultrafast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com