Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP14NC60KD Datasheet(PDF) 5 Page - STMicroelectronics

Part # GP14NC60KD
Description  N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP14NC60KD Datasheet(HTML) 5 Page - STMicroelectronics

  GP14NC60KD Datasheet HTML 1Page - STMicroelectronics GP14NC60KD Datasheet HTML 2Page - STMicroelectronics GP14NC60KD Datasheet HTML 3Page - STMicroelectronics GP14NC60KD Datasheet HTML 4Page - STMicroelectronics GP14NC60KD Datasheet HTML 5Page - STMicroelectronics GP14NC60KD Datasheet HTML 6Page - STMicroelectronics GP14NC60KD Datasheet HTML 7Page - STMicroelectronics GP14NC60KD Datasheet HTML 8Page - STMicroelectronics GP14NC60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
STGB14NC60KD - STGF14NC60KD - STGP14NC60KD
Electrical characteristics
5/17
Table 5.
Switching on/off (inductive load)
Symbol
Parameter
Test condictions
Min.
Typ.
Max. Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 7A
RG=10Ω, VGE= 15V,
Tj= 25°C(see Figure 17)
22.5
8.5
700
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390V, IC = 7A
RG=10Ω, VGE= 15V,
Tj= 125°C (see Figure 17)
22
9.5
680
ns
ns
A/µs
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390V, IC = 7A,
RGE = 10Ω , VGE = 15V
TJ = 25°C (see Figure 17)
60
116
75
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390V, IC = 7A,
RGE = 10Ω , VGE = 15V
Tj = 125°C (see Figure 17)
24
196
144
ns
ns
ns
Table 6.
Switching energy (inductive load)
Symbol
Parameter
Test condictions
Min
Typ.
Max
Unit
Eon (1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in
a package with a co-pack diode, the co-pack diode is used as external diode. IGBTs & DIODE are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current.
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 7A
RG=10Ω, VGE= 15V,
Tj= 25°C (see Figure 17)
82
155
237
µJ
µJ
µJ
Eon (1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390V, IC = 7A
RG=10Ω, VGE= 15V,
Tj= 125°C (see Figure 17)
131
370
501
µJ
µJ
µJ


Similar Part No. - GP14NC60KD

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
GP1400 DEC-GP1400 Datasheet
428Kb / 2P
   HIGH VOLTAGE DIODE RECTIFIERS
logo
Polyfet RF Devices
GP141 POLYFET-GP141 Datasheet
74Kb / 2P
   RF POWER GAN TRANSISTOR
GP1441 POLYFET-GP1441 Datasheet
74Kb / 2P
   RF POWER GAN TRANSISTOR
logo
GPB International Limit...
GP14A GP-GP14A Datasheet
2Mb / 1P
   GP Super Alkaline Battery • C size • 1.5 Volts
GP14AU GP-GP14AU Datasheet
1Mb / 1P
   GP Ultra Alkaline Battery C size 1.5 Volts
More results

Similar Description - GP14NC60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
   N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
   N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com