Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGF14NC60KD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGF14NC60KD
Description  N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF14NC60KD Datasheet(HTML) 3 Page - STMicroelectronics

  STGF14NC60KD Datasheet HTML 1Page - STMicroelectronics STGF14NC60KD Datasheet HTML 2Page - STMicroelectronics STGF14NC60KD Datasheet HTML 3Page - STMicroelectronics STGF14NC60KD Datasheet HTML 4Page - STMicroelectronics STGF14NC60KD Datasheet HTML 5Page - STMicroelectronics STGF14NC60KD Datasheet HTML 6Page - STMicroelectronics STGF14NC60KD Datasheet HTML 7Page - STMicroelectronics STGF14NC60KD Datasheet HTML 8Page - STMicroelectronics STGF14NC60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
STGB14NC60KD - STGF14NC60KD - STGP14NC60KD
Electrical ratings
3/17
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220/D²PAK TO-220FP
VCES
Collector-emitter voltage (VGS = 0)
600
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at TC = 25°C
25
11
A
IC
(1)
Collector current (continuous) at TC = 100°C
14
7
A
ICM
(2)
2.
Pulse width limited by max junction temperature.
Collector current (pulsed)
50
A
VGE
Gate-emitter voltage
±20
V
IF
Diode RMS forward current at TC = 25°C
20
A
VISO
Insulation withstand voltage A.C.(t = 1sec; Tc = 25°C)
--
2500
V
tscw
Short circuit withstand time, VCE = 0.5VBR(CES) ,
Tj = 125°C, RG = 10Ω, VGE = 12V
10
µs
Tstg
Storage temperature
– 55 to 150
°C
Tj
Operating junction temperature
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
TO-220/D²PAK TO-220FP
Rthj-case Thermal resistance junction-case Max
1.56
5.6
°C/W
Rthj-amb Thermal resistance junction-ambient Max
62.5
°C/W
TL
Maximum lead temperature for soldering purpose
(1.6mm from case, for 10sec.)
300
°C
I
C
T
C
()
T
JMA X
T
C
R
THJ
C
V
CESAT MAX
()
T
C
I
C
,
()
×
---------------------------------------------------------------------------------------------------
=


Similar Part No. - STGF14NC60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF14NC60KD STMICROELECTRONICS-STGF14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGF14NC60KD STMICROELECTRONICS-STGF14NC60KD Datasheet
455Kb / 16P
   14 A - 600 V - short circuit rugged IGBT
STGF14NC60KD STMICROELECTRONICS-STGF14NC60KD Datasheet
543Kb / 16P
   14 A, 600 V - short-circuit rugged IGBT
More results

Similar Description - STGF14NC60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP14NC60KD STMICROELECTRONICS-STGP14NC60KD Datasheet
456Kb / 14P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGP10NC60KD STMICROELECTRONICS-STGP10NC60KD Datasheet
379Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH IGBT
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
STGB14NC60K STMICROELECTRONICS-STGB14NC60K_06 Datasheet
435Kb / 16P
   N-channel 14A - 600V -DPAK - D2PAK Short circuit rated PowerMESH TM IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB10NC60K STMICROELECTRONICS-STGB10NC60K_07 Datasheet
599Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB8NC60K STMICROELECTRONICS-STGB8NC60K Datasheet
448Kb / 17P
   N-channel 600V - 8A - D2PAK / DPAK / TO-220 Short circuit rated PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com