Electronic Components Datasheet Search |
|
PPC5565MZQ80R2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
PPC5565MZQ80R2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
6 / 48 page MPC5565 Microcontroller Data Sheet, Rev. 0 Preliminary—Subject to Change Without Notice Electrical Characteristics Freescale Semiconductor 6 3.2.1 General Notes for Specifications at Maximum Junction Temperature An estimation of the chip junction temperature, T J, can be obtained from the equation: TJ = TA + (RθJA × PD) where: TA = ambient temperature for the package (oC) RθJA = junction to ambient thermal resistance (oC/W) PD = power dissipation in the package (W) The supplied thermal resistances are provided based on JEDEC JESD51 series of standards to provide consistent values for estimations and comparisons. The difference between the values determined on the single-layer (1s) board and on the four-layer board with two signal layers and a power and a ground plane (2s2p) clearly demonstrate that the effective thermal resistance of the component is not a constant. It depends on the construction of the application board (number of planes), the effective size of the board which cools the component, how well the component is thermally and electrically connected to the planes, and the power being dissipated by adjacent components. Connect all the ground and power balls to the respective planes with one via per ball. Using fewer vias to connect the package to the planes reduces the thermal performance. Thinner planes also reduce the thermal performance. When the clearance between through vias leave the planes virtually disconnected, the thermal performance is also greatly reduced. As a general rule, the value obtained on a single layer board is appropriate for the tightly packed printed circuit board. The value obtained on the board with the internal planes is usually appropriate if the application board has one oz (35 micron nominal thickness) internal planes, the components are well separated, and the overall power dissipation on the board is less than 0.02 W/cm2. 6 Junction to Case 5 RθJC °C/W 7 7 Junction to Package Top 6 Natural Convection Ψ JT °C/W 2 1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance. 2 Per JEDEC JESD51-2 with the single layer board horizontal. Board meets JESD51-9 specification. 3 Per JEDEC JESD51-6 with the board horizontal. 4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on the top surface of the board near the package. 5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature. 6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature per JEDEC JESD51-2. Table 3. Thermal Characteristics (continued) Num Characteristic Symbol Unit Value 324 PBGA |
Similar Part No. - PPC5565MZQ80R2 |
|
Similar Description - PPC5565MZQ80R2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |