Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5330-KGYML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5330-KGYML
Description  Dual, 300mA UCap LDO in 2mm x 2mm MLF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5330-KGYML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5330-KGYML Datasheet HTML 2Page - Micrel Semiconductor MIC5330-KGYML Datasheet HTML 3Page - Micrel Semiconductor MIC5330-KGYML Datasheet HTML 4Page - Micrel Semiconductor MIC5330-KGYML Datasheet HTML 5Page - Micrel Semiconductor MIC5330-KGYML Datasheet HTML 6Page - Micrel Semiconductor MIC5330-KGYML Datasheet HTML 7Page - Micrel Semiconductor MIC5330-KGYML Datasheet HTML 8Page - Micrel Semiconductor MIC5330-KGYML Datasheet HTML 9Page - Micrel Semiconductor MIC5330-KGYML Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Micrel, Inc.
MIC5330
August 2006
6
M9999-080306
Typical Characteristics
0
-10
-20
-30
-70
-80
Power Supply
Rejection Ratio
1
FREQUENCY (kHz)
0.1
10
100
1,000
VIN = 3.4V
VOUT = 3V
COUT = 1µF
CBYP = 0.1µF
IOUT = 50mA
-40
-50
-60
0
-10
-20
-70
-80
Power Supply
Rejection Ratio
1
FREQUENCY (kHz)
0.1
10
100
1,000
VIN = 3.6V
VOUT = 3V
COUT = 1µF
CBYP = 0.1µF
IOUT = 150mA
-30
-40
-50
-60
0
-10
-20
-60
-70
-80
Power Supply
Rejection Ratio
1
FREQUENCY (kHz)
0.1
10
100
1,000
VIN = 3.9V
VOUT = 3V
COUT = 1µF
CBYP = 0.1µF
IOUT = 300mA
-30
-40
-50
0
10
20
30
40
50
60
70
80
0
50
100 150 200 250 300
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VOUT = 3V
COUT = 1µF
70
72
74
82
84
86
88
90
Ground Current
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
100µA
100mA
50mA
150mA
VIN = VOUT + 1V
VOUT = 3V
COUT = 1µF
EN1 = VIN, EN2 = GND
300mA
76
78
80
2.70
2.75
2.80
2.85
2.90
3.05
3.10
3.15
3.20
Output Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
2.95
3.00
VIN = EN1 = EN2
VOUT = 3V
COUT = 1µF
IOUT = 100µA
VIN = VOUT + 1V
2.7
2.8
2.9
3.1
3.2
3.3
0
50
100 150 200 250 300
OUTPUT CURRENT (mA)
3.0
Output Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 3V
COUT = 1µF
0.5
1.5
2.5
3.5
12345
INPUT VOLTAGE (V)
1.0
2.0
3.0
0.0
Output Voltage
vs. Input Voltage
VIN = VOUT + 1V
COUT = 1µF
100µA
150mA
300mA
70
80
90
Dropout Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
10mA
50mA
100mA
150mA
100µA
VOUT = 3V
VIN = EN1 = EN2
COUT = 1µF
0
10
20
30
40
50
60
0
300mA
70
72
74
76
78
80
82
84
86
88
90
0
50
100 150 200 250 300
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
VIN = VOUT + 1V
VOUT = 3V
VEN1 = VEN2 = VIN
COUT1 = COUT2 = 1µF
400
420
440
460
480
500
520
540
560
580
600
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE (V)
vs. Input Voltage
Current Limit
COUT = 1µF
VEN = VIN
0.001
0.01
0.1
1
10
Output Noise
Spectral Density
1
FREQUENCY (kHz)
0.1
0.01
10
100 1,000
VIN = 4V
VOUT = 3V
COUT = 1µF
CBYP = 0.1µF
ILOAD = 60mA


Similar Part No. - MIC5330-KGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330-KGYML MICREL-MIC5330-KGYML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5330-KGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
logo
Maxim Integrated Produc...
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
   Dual UCap LDO in 3mm 횞 3mm MLF?
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
MAX8902AATA-T MAXIM-MAX8902AATA-T Datasheet
378Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 5; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com