Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGB3NB60HDT4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGB3NB60HDT4
Description  N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB3NB60HDT4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGB3NB60HDT4 Datasheet HTML 4Page - STMicroelectronics STGB3NB60HDT4 Datasheet HTML 5Page - STMicroelectronics STGB3NB60HDT4 Datasheet HTML 6Page - STMicroelectronics STGB3NB60HDT4 Datasheet HTML 7Page - STMicroelectronics STGB3NB60HDT4 Datasheet HTML 8Page - STMicroelectronics STGB3NB60HDT4 Datasheet HTML 9Page - STMicroelectronics STGB3NB60HDT4 Datasheet HTML 10Page - STMicroelectronics STGB3NB60HDT4 Datasheet HTML 11Page - STMicroelectronics STGB3NB60HDT4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
STGP3NB60HD - STGP3NB60HDFP - STGB3NB60HD
TAPE AND REEL SHIPMENT (suffix ”T4”)*
TUBE SHIPMENT (no suffix)*
D2PAK FOOTPRINT
* on sales type
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413
0.421
B0
15.7
15.9
0.618
0.626
D
1.5
1.6
0.059
0.063
D1
1.59
1.61
0.062
0.063
E
1.65
1.85
0.065
0.073
F
11.4
11.6
0.449
0.456
K0
4.8
5.0
0.189
0.197
P0
3.9
4.1
0.153
0.161
P1
11.9
12.1
0.468
0.476
P2
1.9
2.1
0.075
0.082
R
50
1.574
T
0.25
0.35
0.0098 0.0137
TAPE MECHANICAL DATA


Similar Part No. - STGB3NB60HDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD Datasheet
91Kb / 8P
   N-CHANNEL 3A - 600V TO-263 PowerMESH IGBT
More results

Similar Description - STGB3NB60HDT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_06 Datasheet
833Kb / 17P
   N-channel 14A - 600V - TO-220 - TO-220FP - D2PAK Short circuit rated PowerMESH TM IGBT
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_07 Datasheet
526Kb / 17P
   N-channel 600V - 10A - D2PAK / TO-220 / TO-220FP Short circuit rated PowerMESH TM IGBT
STGP7NB60KD STMICROELECTRONICS-STGP7NB60KD Datasheet
330Kb / 12P
   N-CHANNEL 7A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT RATED PowerMESH TM IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGF10NB60SD STMICROELECTRONICS-STGF10NB60SD_06 Datasheet
273Kb / 13P
   N-channel 10A - 600V - TO-220FP PowerMESH TM IGBT
STGP3NB60H STMICROELECTRONICS-STGP3NB60H Datasheet
87Kb / 8P
   N-CHANNEL 3A - 600V TO-220 PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com