Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC5565AZQ132 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PPC5565AZQ132
Description  Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5565AZQ132 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PPC5565AZQ132 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5565AZQ132 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5565AZQ132 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5565AZQ132 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5565AZQ132 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5565AZQ132 Datasheet HTML 9Page - Freescale Semiconductor, Inc PPC5565AZQ132 Datasheet HTML 10Page - Freescale Semiconductor, Inc PPC5565AZQ132 Datasheet HTML 11Page - Freescale Semiconductor, Inc PPC5565AZQ132 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
8
where:
TT = thermocouple temperature on top of the package (oC)
ΨJT = thermal characterization parameter (oC/W)
PD = power dissipation in the package (W)
The thermal characterization parameter is measured per JESD51-2 specification using a 40-gauge type T
thermocouple epoxied to the top center of the package case. The thermocouple should be positioned so
that the thermocouple junction rests on the package. A small amount of epoxy is placed over the
thermocouple junction and over about 1 mm of wire extending from the junction. The thermocouple wire
is placed flat against the package case to avoid measurement errors caused by cooling effects of the
thermocouple wire.
References:
Semiconductor Equipment and Materials International
805 East Middlefield Rd
Mountain View, CA 94043
(415) 964-5111
MIL-SPEC and EIA/JESD (JEDEC) specifications are available from Global Engineering Documents at
800-854-7179 or 303-397-7956.
JEDEC specifications are available on the WEB at http://www.jedec.org.
1. C.E. Triplett and B. Joiner, “An Experimental Characterization of a 272 PBGA Within an
Automotive Engine Controller Module,” Proceedings of SemiTherm, San Diego, 1998, pp. 47–54.
2. G. Kromann, S. Shidore, and S. Addison, “Thermal Modeling of a PBGA for Air-Cooled
Applications,” Electronic Packaging and Production, pp. 53–58, March 1998.
3. B. Joiner and V. Adams, “Measurement and Simulation of Junction to Board Thermal
Resistance and Its Application in Thermal Modeling,” Proceedings of SemiTherm, San Diego,
1999, pp. 212–220.
3.3
Package
The MPC5565 is available in packaged form. Package options are listed in Section 2, “Ordering
Information.”
Refer to Section 4, “Mechanicals,” for pinouts and package drawings.
3.4
EMI (Electromagnetic Interference) Characteristics
Table 4. EMI Testing Specifications1
Num
Characteristic
Min. Value
Typ. Value
Max. Value
Unit
1
Scan Range
0.15
1000
MHz
2
Operating Frequency
132
MHz
3VDD Operating Voltages
1.5
V


Similar Part No. - PPC5565AZQ132

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5565MVZ112 FREESCALE-PPC5565MVZ112 Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MVZ112R FREESCALE-PPC5565MVZ112R Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MVZ132 FREESCALE-PPC5565MVZ132 Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MVZ132R FREESCALE-PPC5565MVZ132R Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MVZ80 FREESCALE-PPC5565MVZ80 Datasheet
1,002Kb / 54P
   Microcontroller
More results

Similar Description - PPC5565AZQ132

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com