Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPC5565MZQ132 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # PPC5565MZQ132
Description  Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5565MZQ132 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  PPC5565MZQ132 Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC5565MZQ132 Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC5565MZQ132 Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC5565MZQ132 Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC5565MZQ132 Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC5565MZQ132 Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC5565MZQ132 Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC5565MZQ132 Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC5565MZQ132 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
4
3
Electrical Characteristics
This section contains detailed information on power considerations, DC/AC electrical characteristics, and
AC timing specifications for the MCU.
3.1
Maximum Ratings
Table 2. Absolute Maximum Ratings1
Num
Characteristic
Symbol
Min
Max2
Unit
1
1.5V Core Supply Voltage 3
VDD
– 0.3
1.7
V
2
Flash Program/Erase Voltage
VPP
– 0.3
6.5
V
3
Flash Core Voltage
VDDF
– 0.3
1.7
V
4
Flash Read Voltage
VFLASH
– 0.3
4.6
V
5
SRAM Standby Voltage
VSTBY
– 0.3
1.7
V
6
Clock Synthesizer Voltage
VDDSYN
– 0.3
4.6
V
7
3.3V I/O Buffer Voltage
VDD33
–0.3
4.6
V
8
Voltage Regulator Control Input Voltage
VRC33
–0.3
4.6
V
9
Analog Supply Voltage (reference to VSSA)VDDA
– 0.3
5.5
V
10
I/O Supply Voltage (Fast I/O Pads) 4
VDDE
– 0.3
4.6
V
11
I/O Supply Voltage (Slow/Medium I/O Pads) 4
VDDEH
– 0.3
6.5
V
12
DC Input Voltage5
VDDEH powered I/O Pads, except eTPUB15 and
SINB (DSPI_B_SIN)
VDDEH powered I/O Pads (eTPUB15 and SINB)
VDDE powered I/O Pads
VIN
–1.06
–0.37
–1.06
6.58
6.58
4.69
V
13
Analog Reference High Voltage (reference to VRL)
VRH
– 0.3
5.5
V
14
VSS Differential Voltage
VSS – VSSA
– 0.1
0.1
V
15
VDD Differential Voltage
VDD – VDDA
– VDDA
VDD
V
16
VREF Differential Voltage
VRH – VRL
– 0.3
5.5
V
17
VRH to VDDA Differential Voltage
VRH – VDDA
– 5.5
5.5
V
18
VRL to VSSA Differential Voltage
VRL – VSSA
– 0.3
0.3
V
19
VDDEH to VDDA Differential Voltage
VDDEH – VDDA
–VDDA
VDDEH
V
20
VDDF to VDD Differential Voltage
VDDF – VDD
–0.3
0.3
V
21
This spec has been moved to Table 9, spec 43a.
22
VSSSYN to VSS Differential Voltage
VSSSYN – VSS
–0.1
0.1
V
23
VRCVSS to VSS Differential Voltage
VRCVSS – VSS
–0.1
0.1
V
24
Maximum DC Digital Input Current 10 (per pin, applies to all
digital pins)5
IMAXD
–2
2
mA
25
Maximum DC Analog Input Current 11 (per pin, applies to all
analog pins)
IMAXA
–3
3
mA
26
Maximum Operating Temperature Range 12 — Die Junction
Temperature
TJ
– 40.0
150.0
oC


Similar Part No. - PPC5565MZQ132

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5565MZQ132 FREESCALE-PPC5565MZQ132 Datasheet
1,002Kb / 54P
   Microcontroller
PPC5565MZQ132R FREESCALE-PPC5565MZQ132R Datasheet
1,002Kb / 54P
   Microcontroller
More results

Similar Description - PPC5565MZQ132

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com