Electronic Components Datasheet Search |
|
MPC5565AVZ132R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc |
|
MPC5565AVZ132R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc |
5 / 48 page Electrical Characteristics MPC5565 Microcontroller Data Sheet, Rev. 0 Preliminary—Subject to Change Without Notice Freescale Semiconductor 5 3.2 Thermal Characteristics 27 Storage Temperature Range TSTG – 55.0 150.0 oC 28 Maximum Solder Temperature 13 TSDR — 260.0 oC 29 Moisture Sensitivity Level 14 MSL — 3 1 Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings only, and functional operation at the maxima is not guaranteed. Stress beyond the listed maxima may affect device reliability or cause permanent damage to the device. 2 Absolute maximum voltages are currently maximum burn-in voltages. Absolute maximum specifications for device stress have not yet been determined. 3 1.5V +/– 10% for proper operation. This parameter is specified at a maximum junction temperature of 150C. 4 All functional non-supply I/O pins are clamped to VSS and VDDE or VDDEH. 5 AC signal over and undershoot of the input voltages of up to +/– 2.0 volts is permitted for a cumulative duration of 60 hours over the complete lifetime of the device (injection current does not need to be limited for this duration). 6 Internal structures will hold the voltage above –1.0 volt if the injection current limit of 1 mA is met. 7 Internal structures will not clamp to a safe voltage. External protection must be used to ensure that voltage on the pin stays above –0.3 volts. 8 Internal structures hold the input voltage below this maximum voltage on all pads powered by VDDEH supplies, if the maximum injection current specification is met (1 mA for all pins) and VDDEH is within Operating Voltage specifications. 9 Internal structures hold the input voltage below this maximum voltage on all pads powered by VDDE supplies, if the maximum injection current specification is met (1 mA for all pins) and VDDE is within Operating Voltage specifications. 10 Total injection current for all pins (including both digital and analog) must not exceed 25mA. 11 Total injection current for all analog input pins must not exceed 15mA. 12 Lifetime operation at these specification limits is not guaranteed. 13 Solder profile per CDF-AEC-Q100. 14 Moisture sensitivity per JEDEC test method A112. Table 3. Thermal Characteristics Num Characteristic Symbol Unit Value 324 PBGA 1 Junction to Ambient 1, 2 Natural Convection (Single layer board) RθJA °C/W 29 2 Junction to Ambient 1, 3 Natural Convection (Four layer board 2s2p) RθJA °C/W 19 3 Junction to Ambient 1,3 (@200 ft./min., Single layer board) RθJMA °C/W 23 4 Junction to Ambient 1,3 (@200 ft./min., Four layer board 2s2p) RθJMA °C/W 16 5 Junction to Board 4 (Four layer board 2s2p) RθJB °C/W 10 Table 2. Absolute Maximum Ratings1 (continued) Num Characteristic Symbol Min Max2 Unit |
Similar Part No. - MPC5565AVZ132R2 |
|
Similar Description - MPC5565AVZ132R2 |