Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68HC11A0FU Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC68HC11A0FU
Description  ROM-based high-performance microcontrollers
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11A0FU Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC68HC11A0FU Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC11A0FU Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC11A0FU Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC11A0FU Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68HC11A0FU Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68HC11A0FU Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68HC11A0FU Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68HC11A0FU Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68HC11A0FU Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 124 page
background image
INTRODUCTION
TECHNICAL DATA
1-1
SECTION 1
INTRODUCTION
The MC68HC11D3 and MC68HC11D0 are ROM-based high-performance microcon-
trollers (MCUs) based on the MC68HC11E9 design. Members of the Dx series are de-
rived from the same mask and feature a high speed multiplexed bus capable of
running at up to 3 MHz, and a fully static design that allows operations at frequencies
to dc.
The only difference between the MCUs in the Dx series is whether or not the ROM has
been tested and guaranteed.
1.1 Features
• MC68HC11 CPU
• Power Saving STOP and WAIT Modes
• 4 Kbytes of On-Chip ROM
• 192 Bytes of On-Chip RAM (All Saved During Standby)
• 16-Bit Timer System
— 3 Input Capture (IC) Channels
— 4 Output Compare (OC) Channels
— One IC or OC Channel (Software Selectable)
• 8-Bit Pulse Accumulator
• Real-Time Interrupt Circuit
• Computer Operating Properly (COP) Watchdog System
• Synchronous Serial Peripheral Interface (SPI)
• Asynchronous Nonreturn to Zero (NRZ) Serial Communications Interface (SCI)
• 26 Input/Output (I/O) Pins
— 16 Bidirectional I/O Pins
— 3 Input Only Pins
— 3 Output Only Pins (One Output Only Pin in the 40-Pin Package)
• Available in a 44-Pin Plastic Leaded Chip Carrier (PLCC) and 40-Pin Dual In-Line
Package (DIP)
1.2 Structure
Refer to Figure 1-1, which shows the structure of the MC68HC11D3 MCU.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC11A0FU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A0FN MOTOROLA-MC68HC11A0FN Datasheet
286Kb / 45P
   8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11A0FN FREESCALE-MC68HC11A0FN Datasheet
3Mb / 52P
   8-Bit Microcontrollers
logo
NXP Semiconductors
MC68HC11A0FN NXP-MC68HC11A0FN Datasheet
3Mb / 52P
   8-Bit Microcontroller
More results

Similar Description - MC68HC11A0FU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM163006 MICROCHIP-DM163006 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
PIC18C601 MICROCHIP-PIC18C601_13 Datasheet
7Mb / 322P
   High-Performance ROM-less Microcontrollers with External Memory Bus
11/29/12 2001-2013
logo
National Semiconductor ...
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
logo
Microchip Technology
PIC18C601 MICROCHIP-PIC18C601 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers with External Memory Bus
2001
logo
Dallas Semiconductor
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Microchip Technology
PIC18F010 MICROCHIP-PIC18F010 Datasheet
2Mb / 176P
   High Performance Microcontrollers
2001
logo
National Semiconductor ...
HPC16083 NSC-HPC16083 Datasheet
467Kb / 36P
   High-Performance microControllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com