Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD110NH02LT4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD110NH02LT4
Description  N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD110NH02LT4 Datasheet(HTML) 4 Page - STMicroelectronics

  STD110NH02LT4 Datasheet HTML 1Page - STMicroelectronics STD110NH02LT4 Datasheet HTML 2Page - STMicroelectronics STD110NH02LT4 Datasheet HTML 3Page - STMicroelectronics STD110NH02LT4 Datasheet HTML 4Page - STMicroelectronics STD110NH02LT4 Datasheet HTML 5Page - STMicroelectronics STD110NH02LT4 Datasheet HTML 6Page - STMicroelectronics STD110NH02LT4 Datasheet HTML 7Page - STMicroelectronics STD110NH02LT4 Datasheet HTML 8Page - STMicroelectronics STD110NH02LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STD110NH02L
4/15
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 3.
On(1) /off states
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 25mA, VGS = 0
24
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 20
VDS = 20, TC = 125°C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±20V
±100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250µA
1V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 40A
VGS = 5V, ID = 20A
0.0044
0.0050
0.0050
0.0095
Table 4.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS = 10 V, ID = 40A
52
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 15V, f = 1 MHz,
VGS = 0
4450
1126
141
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 10V, ID = 80A
VGS = 10V
69
13
9
93
nC
nC
nC
Qoss
(2)
2.
Qoss = Coss*∆ Vin , Coss = Cgd + Cds . See Section Appendix A
Output charge
VDS = 16V, VGS = 0V
27
nC
Qgls
(3)
3.
Gate charge for synchronous operation
Third-quadrant gate charge
VDS < 0V, VGS = 10V
64
nC
RG
Gate input resistance
f = 1MHz gate DC Bias = 0
Test signal level = 20mV
Open drain
16


Similar Part No. - STD110NH02LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
More results

Similar Description - STD110NH02LT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
   N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET??III POWER MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD95NH02L STMICROELECTRONICS-STD95NH02L_06 Datasheet
463Kb / 15P
   N-channel 24V - 0.005239ohm - 80A - DPAK Ultra low gate charge STripFET TM Power MOSFET
STD36NH02L STMICROELECTRONICS-STD36NH02L Datasheet
766Kb / 13P
   N-channel 24V - 0.011ohm - 30A - DPAK STripFET III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STB100NH02L STMICROELECTRONICS-STB100NH02L Datasheet
409Kb / 13P
   N-CHANNEL 24V - 0.0052ohm - 60A D2PAK STripFET TM III POWER MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
   N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com